| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP86FS64FG bảng dữ liệu(PDF) 217 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP86FS64FG bảng dữ liệu(HTML) 217 Page - Toshiba Semiconductor |
|
217 / 252 page ![]() Page 205 TMP86FS64FG record, the external controller judges whether the transmission is completed correctly by receiving the checksum sent by the device. 14. After transmitting the checksum, the device waits for the next operation command data. Note 1: Do not write only the address from FFE0H to FFFFH when all flash memory data is the same. If only these area are written, the subsequent operation can not be executed due to password error. Note 2: To rewrite data to Flash memory addresses at which data (including FFH) is already written, make sure to erase the existing data by "sector erase" or "chip erase" before rewriting data. |