công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LED-RGB5050-WS2812B bảng dữ liệu(PDF) 2 Page - AG Electronica

tên linh kiện LED-RGB5050-WS2812B
Giải thích chi tiết về linh kiện  Intelligent control integrated LED light source
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AGELECTRONICA [AG Electronica]
Trang chủ  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

LED-RGB5050-WS2812B bảng dữ liệu(HTML) 2 Page - AG Electronica

  LED-RGB5050-WS2812B Datasheet HTML 1Page - AG Electronica LED-RGB5050-WS2812B Datasheet HTML 2Page - AG Electronica LED-RGB5050-WS2812B Datasheet HTML 3Page - AG Electronica LED-RGB5050-WS2812B Datasheet HTML 4Page - AG Electronica LED-RGB5050-WS2812B Datasheet HTML 5Page - AG Electronica LED-RGB5050-WS2812B Datasheet HTML 6Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Intelligent control LED
integrated light source
2 / 6
Features and Benefits
The control circuit and the LED share the only power source.
Control circuit and RGB chip are integrated in a package of 5050 components, form a complete control of pixel
point.
Built-in signal reshaping circuit, after wave reshaping to the next driver, ensure wave-form distortion not
accumulate.
Built-in electric reset circuit and power lost reset circuit.
Each pixel of the three primary color can achieve 256 brightness display, completed 16777216 color full color
display, and scan frequency not less than 400Hz/s.
Cascading port transmission signal by single line.
Any two point the distance not more than 3m transmission signal without any increase circuit.
When the refresh rate is 30fps, cascade number are not less than1024 points.
Send data at speeds of 800Kbps.
The color of the light were highly consistent, cost-effective..
Applications
Full-color module, Full color soft lights a lamp strip.
LED decorative lighting, Indoor/outdoor LED video irregular screen.
General description
WS2812B is a intelligent control LED light source that the control circuit and RGB chip are integrated in
a package of 5050 components. It internal include intelligent digital port data latch and signal reshaping ampli
fication drive circuit. Also include a precision internal oscillator and a 12V voltage programmable constant current
control part,effectively ensuring the pixel point light color height consistent
.
The data transfer protocol use single NZR communication mode. After the pixel power-on reset, the DIN
port receive data from controller, the first pixel collect initial 24bit data then sent to the internal data latch,
the other data which reshaping by the internal signal reshaping amplification circuit sent to the next cascade
pixel through the DO port. After transmission for each pixel,the signal to reduce 24bit. pixel adopt auto reshaping
transmit technology, making the pixel cascade number is not limited the signal transmission, only depend
on the speed of signal transmission.
LED with low driving voltage, environmental protection and energy saving, high brightness, scattering angle
is large, good consistency, low power, long life and other advantages. The control chip integrated in LED
above becoming more simple circuit, small volume, convenient installation.
Mechanical Dimensions
LED-RGB5050-WS2812B



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com