công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP91CW60DFG bảng dữ liệu(PDF) 94 Page - Toshiba Semiconductor

tên linh kiện TMP91CW60DFG
Giải thích chi tiết về linh kiện  16 Bit Microcontroller
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP91CW60DFG bảng dữ liệu(HTML) 94 Page - Toshiba Semiconductor

Back Button TMP91CW60DFG Datasheet HTML 90Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 91Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 92Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 93Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 94Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 95Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 96Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 97Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 98Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 262 page
background image
Page 91
2007-12-03
TMP91CW60
5.1.3
Setting memory start addresses and address areas
Figure 5-2 shows an example of specifying a 64-Kbyte address area starting from 010000H using the CS0
areas.
Set “01H” in memory start address register MSAR0<S23:16> (Corresponding to the upper 8 bits of the start
address). Next, calculate the difference between the start address and the anticipated end address (01FFFFH).
Bits 20 to 8 of the result correspond to the mask value to be set for the CS0 area. Setting this value in memory
address mask register MAMR0<V20:8> sets the area size.
This example sets “07H” in MAMR0 to specify a 64-Kbyte area.
Figure 5-2 Example Showing How to Set the CS0 Area
After a reset, MSAR0 to MSAR3 and MAMR0 to MAMR3 are set to “FFH”. B0CS<B0E>, B1CS<B1E>
and B3CS<B3E> are reset to “0”. This disables the CS0, CS1 and CS3 areas. However, as B2CS<B2M> to “0”
and B2CS<B2E> to “1”, CS2 is enabled “002000 to FDFFFF” in TMP91CW60. Also, the bus width and num-
ber of waits specified in BEXCS are used for accessing addresses outside the specified CS0 to CS3 area.
1
Memory
end
address
Memory address
mask register
setting
Memory
start
address
CS0 area size
(64 Kbytes)
Setting of 07H specifies a 64-Kbyte area.
0
0
0
0
0
0
0
1
0
0
00
00
01
111
11
1
11
S23 S22 S21 S20 S19 S18 S17 S16
V20 V19 V18 V17 V16 V15
V14 to V9
V8
01
F
F
F
F
01
H
1
1
11
11
11
07
H
MSAR0
0
0
0
0
0
0
0
0
1
111
1
1
11111111
1
MSMR0
H
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com