công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP91CW60DFG bảng dữ liệu(PDF) 37 Page - Toshiba Semiconductor

tên linh kiện TMP91CW60DFG
Giải thích chi tiết về linh kiện  16 Bit Microcontroller
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP91CW60DFG bảng dữ liệu(HTML) 37 Page - Toshiba Semiconductor

Back Button TMP91CW60DFG Datasheet HTML 33Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 34Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 35Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 36Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 37Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 38Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 39Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 40Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 41Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 262 page
background image
Page 34
2007-12-03
TMP91CW60
Three micro DMA transfer modes are supported: 1-byte transfer, 2-byte (One-word) transfer, and 4-byte
transfer. After a transfer in any mode, the transfer source/destination addresses are increased, decreased, or
remain unchanged.
This simplifies the transfer of data from I/O to memory, from memory to I/O, and from I/O to I/O. For details
of the transfer modes, see" 3.2.4 Detailed Description of the Transfer Mode Register ".
As the transfer counter is a 16-bit counter, micro DMA processing can be set for up to 65536 times per inter-
rupt source. (The micro DMA processing count is maximized when the transfer counter initial value is set to
0000H.)
Micro DMA processing can be started by the 42 interrupts shown in the micro DMA start vectors of Table 3-
1 and by the micro DMA soft start, making a total of 43 interrupts.
Figure 3-2 shows the word transfer micro DMA cycle in transfer destination address INC mode (except for
counter mode, the same as for other modes).
(The conditions for this cycle are based on an external 16-bit bus, 0 waits, transfer source/transfer destination
addresses both even-numberd values).
Figure 3-2 Timing for Micro DMA Cycle
States 1 to 3: Instruction fetch cycle (Gets next address code).
If 3 bytes and more instruction codes are inserted in the instruction queue buffer, this cycle
becomes a dummy cycle.
States 4 to 5: Micro DMA read cycle
State 6:
Dummy cycle (The address bus remains unchanged from state 5.)
States 7 to 8: Micro DMA write cycle
Note 1: If the source address area is an 8-bit bus, it is increased by two states.
If the source address area is a 16-bit bus and the address starts from an odd number, it is increased by two
states.
Note 2: If the destination address area is an 8-bit bus, it is increased by two states.
If the destination address area is a 16-bit bus and the address starts from an odd number, it is increased by
two states.
RD
X1
A0 to A23
D0 to D15
Transfer source address
Transfer destination
address
Input
Output
1 state
DM1
DM2
DM3
DM4
DM5
DM6
DM7
DM8
(Note 2)
(Note 1)
WR, HWR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com