| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPSD3422 bảng dữ liệu(PDF) 109 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD3422 bảng dữ liệu(HTML) 109 Page - STMicroelectronics |
|
109 / 293 page ![]() uPSD34xx Serial UART interfaces 109/293 Figure 35. UART Mode 2, Block Diagram Figure 36. UART Mode 2, Timing Diagram AI06844 Zero Detector Internal Bus Tx Control Rx Control Internal Bus SBUF Write to SBUF Read SBUF Load SBUF SBUF Input Shift Register Shift Serial Port Interrupt Rx Clock Start Tx Clock Start Shift Shift Send Load SBUF TI RI CL DS Q 1FFh TxD Pin Data Rx Detector RxD Pin 1-to-0 Transition Detector ÷16 Sample ÷16 ÷2 TB8 fOSC/32 01 SMOD AI06845 Write to SBUF Data Shift TxD TI Rx Clock RxD Bit Detector Sample Times Shift RI Receive Transmit D0 D1 D2 D3 D4 D5 D6 D7 Send Tx Clock Start Bit Stop Bit TB8 D0 D1 D2 D3 D4 D5 D6 D7 Start Bit Stop Bit RB8 Stop Bit Generator |