công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPSD3422 bảng dữ liệu(PDF) 107 Page - STMicroelectronics

tên linh kiện UPSD3422
Giải thích chi tiết về linh kiện  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 bảng dữ liệu(HTML) 107 Page - STMicroelectronics

Back Button UPSD3422 Datasheet HTML 103Page - STMicroelectronics UPSD3422 Datasheet HTML 104Page - STMicroelectronics UPSD3422 Datasheet HTML 105Page - STMicroelectronics UPSD3422 Datasheet HTML 106Page - STMicroelectronics UPSD3422 Datasheet HTML 107Page - STMicroelectronics UPSD3422 Datasheet HTML 108Page - STMicroelectronics UPSD3422 Datasheet HTML 109Page - STMicroelectronics UPSD3422 Datasheet HTML 110Page - STMicroelectronics UPSD3422 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 293 page
background image
uPSD34xx
Serial UART interfaces
107/293
Figure 33.
UART Mode 1, Block Diagram
Figure 34.
UART Mode 1, Timing Diagram
AI06826
Zero Detector
Internal Bus
Tx Control
Rx Control
Internal Bus
SBUF
Write
to
SBUF
Read
SBUF
Load
SBUF
SBUF
Input Shift Register
Shift
Serial
Port
Interrupt
Rx Clock
Start
Tx Clock
Start
Shift
Shift
Send
Load SBUF
TI
RI
CL
DS
Q
1FFh
TxD
Pin
Data
Rx Detector
RxD
Pin
1-to-0
Transition
Detector
÷16
Sample
÷16
÷2
TB8
Timer1
Overflow
Timer2
Overflow
0
01
1
01
TCLK
RCLK
SMOD
AI06843
Write to SBUF
Data
Shift
TxD
TI
Rx Clock
RxD
Bit Detector
Sample Times
Shift
RI
Receive
Transmit
D0
D1
D2
D3
D4
D5
D6
D7
Send
Tx Clock
Start Bit
Stop Bit
D0
D1
D2
D3
D4
D5
D6
D7
Start Bit
Stop Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More