| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPSD3422 bảng dữ liệu(PDF) 72 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD3422 bảng dữ liệu(HTML) 72 Page - STMicroelectronics |
|
72 / 293 page ![]() I/O ports of mcu module uPSD34xx 72/293 Figure 18. MCU I/O cell block diagram for port 3 Figure 19. MCU I/O cell block diagram for port 4 P3.X Pin Digital_Pin_Data_In Q D PRE SFR P3.X Latch 8032 Data Bus Bit GPIO P3.X SFR Write Latch MCU_Reset P3.X SFR Read Latch (for R-M-W instructions) P3.X SFR Read Pin Select_Alternate_Func Disables High-Side Driver IN 1 IN 0 Y MUX VCC VCC VCC SEL Enable_I 2 C WEAK PULL-UP, B STONGER PULL-UP, A LOW SIDE HIGH SIDE DELAY, 1 MCU_CLK DELAY, 1 MCU_CLK Q Digital_Alt_Func_Data_Out AI09601 P4.X Pin Digital_Pin_Data_In Q D PRE SFR P4.X Latch 8032 Data Bus Bit GPIO P4.X SFR Write Latch MCU_Reset P4.X SFR Read Latch (for R-M-W instructions) P4.X SFR Read Pin Select_Alternate_Func For PCA Alternate Function IN 1 IN 0 Y MUX VCC VCC VCC SEL Enable_Push_Pull WEAK PULL-UP, B STONGER PULL-UP, A LOW SIDE HIGH SIDE DELAY, 1 MCU_CLK DELAY, 1 MCU_CLK Q Digital_Alt_Func_Data_Out AI09602 |