| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
25PE20VP bảng dữ liệu(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
25PE20VP bảng dữ liệu(HTML) 9 Page - STMicroelectronics |
|
9 / 60 page ![]() M25PE20, M25PE10 Signal description 9/60 2.7 Write Protect (W) or Top Sector Lock (TSL) ● The Write Protect function is available in the T9HX process only (see Important note on page 6). The Write Protect (W) input is used to freeze the size of the area of memory that is protected against write, program and erase instructions (as specified by the values in theBP1 and BP0 bits of the Status Register. See Section 6.4: Read Status Register (RDSR) for a description of these bits). ● The Top Sector Lock function is available in the T7X process only (see Important note on page 6). The input signal sets the device in the Hardware Protected mode, when Top Sector Lock (TSL) is connected to VSS, causing the top 256 pages (upper addresses) of the memory to become read-only (protected from write, program and erase operations). When Top Sector Lock (TSL) is connected to VCC, the top 256 pages of memory behave like the other pages of memory. 2.8 VCC supply voltage VCC is the supply voltage. 2.9 VSS ground VSS is the reference for the VCC supply voltage. |