| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
25PE20VP bảng dữ liệu(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
25PE20VP bảng dữ liệu(HTML) 7 Page - STMicroelectronics |
|
7 / 60 page ![]() M25PE20, M25PE10 Description 7/60 Figure 3. VFQFPN and SO connections 1. There is an exposed central pad on the underside of the VFQFPN package. This is pulled, internally, to VSS, and must not be allowed to be connected to any other voltage or signal line on the PCB. 2. See Package mechanical section for package dimensions, and how to identify pin-1. Figure 1. Logic diagram - previous T7X process Figure 2. Logic diagram - new T9HX process Table 1. Signal names Signal name Function Direction C Serial Clock Input D Serial Data Input Input Q Serial Data Output Output S Chip Select Input TSL or W(1) 1. In the previous T7X process the pin is a Top Sector Lock input whereas in the new T9HX process, the pin is a Write Protect input (see Figure 1 and Figure 2). Top Sector Lock or Write Protect Input Reset Reset Input VCC Supply Voltage VSS Ground Reset AI09713 S VCC M25PE20 M25PE10 VSS TSL Q C D Reset AI13808 S VCC M25PE10 M25PE20 VSS W Q C D 1 AI09715b 2 3 4 8 7 6 5 D VSS C Reset Q SVCC TSL or W M25PE20 M25PE10 |