công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RT9245CPC bảng dữ liệu(PDF) 20 Page - Richtek Technology Corporation

tên linh kiện RT9245CPC
Giải thích chi tiết về linh kiện  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RICHTEK [Richtek Technology Corporation]
Trang chủ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9245CPC bảng dữ liệu(HTML) 20 Page - Richtek Technology Corporation

Back Button RT9245CPC Datasheet HTML 16Page - Richtek Technology Corporation RT9245CPC Datasheet HTML 17Page - Richtek Technology Corporation RT9245CPC Datasheet HTML 18Page - Richtek Technology Corporation RT9245CPC Datasheet HTML 19Page - Richtek Technology Corporation RT9245CPC Datasheet HTML 20Page - Richtek Technology Corporation RT9245CPC Datasheet HTML 21Page - Richtek Technology Corporation RT9245CPC Datasheet HTML 22Page - Richtek Technology Corporation RT9245CPC Datasheet HTML 23Page - Richtek Technology Corporation RT9245CPC Datasheet HTML 24Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
RT9245C
20
DS9245C-02 March 2007
www.richtek.com
Design Procedure Suggestion
a.Output filter pole and zero (Inductor, output capacitor
value & ESR).
b.Error amplifier compensation & sawtooth wave amp-
litude (compensation network).
c.Kelvin sense for VCORE.
Current Loop Setting
a.GM amplifier S/H current (current sense component
DCR, CSN pin external resistor value).
b.Over-current protection trip point (RIMAX resistor).
VRM Load Line Setting
a.Droop amplitude (ADJ pin resistor).
b.No load offset (RCSN2)
c.DAC offset voltage setting (VOSS pin & compen- sation
network resistor RB1).
Power Sequence & SS
DVD pin external resistor and SS pin capacitor.
PCB Layout
a.Kelvin sense for current sense GM amplifier input.
b.Refer to layout guide for other items.
Voltage Loop Setting
Design Example
Given :
Apply for four phase converter
VIN = 12V
VCORE = 1.4V
ILOAD = 30A to 125A
VDROOP = 95mV with load (1m
Ω Load Line)
OCP trip point set at 40A for each channel (S/H)
DCR = 1m
Ω of inductor at 25°C
L = 0.3
μH
COUT = 5600
μF with 1mΩ equivalent ESR.
Figure 27. EA Frequency Response with closed loop gain set at 0db to observe gain-bandwidth product; -3dB at
10.86MHz
0dB
180
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com