công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RT9245CPC bảng dữ liệu(PDF) 9 Page - Richtek Technology Corporation

tên linh kiện RT9245CPC
Giải thích chi tiết về linh kiện  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RICHTEK [Richtek Technology Corporation]
Trang chủ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9245CPC bảng dữ liệu(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9245CPC Datasheet HTML 5Page - Richtek Technology Corporation RT9245CPC Datasheet HTML 6Page - Richtek Technology Corporation RT9245CPC Datasheet HTML 7Page - Richtek Technology Corporation RT9245CPC Datasheet HTML 8Page - Richtek Technology Corporation RT9245CPC Datasheet HTML 9Page - Richtek Technology Corporation RT9245CPC Datasheet HTML 10Page - Richtek Technology Corporation RT9245CPC Datasheet HTML 11Page - Richtek Technology Corporation RT9245CPC Datasheet HTML 12Page - Richtek Technology Corporation RT9245CPC Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
RT9245C
9
DS9245C-02 March 2007
www.richtek.com
Absolute Maximum Ratings (Note 1)
Supply Voltage, VCC ------------------------------------------------------------------------------------------- 7V
Input, Output or I/O Voltage ---------------------------------------------------------------------------------- GND
− 0.3V to VCC+ 0.3V
Power Dissipation, PD @ TA = 25
°C
TSSOP-28-------------------------------------------------------------------------------------------------------- 1W
Package Thermal Resistance (Note 4)
TSSOP-28,
θJA -------------------------------------------------------------------------------------------------- 100°C/W
Junction Temperature ------------------------------------------------------------------------------------------ 150
°C
Lead Temperature (Soldering, 10 sec.) -------------------------------------------------------------------- 260
°C
Storage Temperature Range ---------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 2)
HBM (Human Body Mode) ----------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ------------------------------------------------------------------------------------------- 200V
Electrical Characteristics
(VCC = 5V, TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
VCC Supply Current
Nominal Supply Current
ICC
PWM 1,2,3,4 Open
--
12
16
mA
Power-On Reset
POR Threshold
VCCRTH
VCC Rising
4.0
4.2
4.5
V
Hysteresis
VCCHYS
0.2
0.5
--
V
Trip (Low to High)
VDVDTP
Enable
0.94
1.0
1.06
V
VDVD Threshold
Hysteresis
VDVDHYS
--
50
--
mV
Oscillator
Free Running Frequency
fOSC
RRT = 20kΩ
170
200
230
kHz
Frequency Adjustable Range
fOSC_ADJ
50
--
400
kHz
Ramp Amplitude
ΔVOSC
RRT = 20kΩ
--
1.9
--
V
Ramp Valley
VRV
0.7
1.0
--
V
Maximum Duty of Each Channel
58
64
70
%
RT Pin Voltage
VRT
RRT = 20kΩ
0.9
1.0
1.1
V
Reference and DAC
VDAC ≥ 1V
−0.5
--
+0.5
%
DACOUT Voltage Accuracy
ΔVDAC
VDAC < 1V
−5
--
+5
mV
To be continued
Recommended Operating Conditions
(Note 3)
Supply Voltage, VCC ------------------------------------------------------------------------------------------- 5V
± 10%
Junction Temperature Range ---------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range ---------------------------------------------------------------------------------
−40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com