công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RT9245CPC bảng dữ liệu(PDF) 19 Page - Richtek Technology Corporation

tên linh kiện RT9245CPC
Giải thích chi tiết về linh kiện  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RICHTEK [Richtek Technology Corporation]
Trang chủ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9245CPC bảng dữ liệu(HTML) 19 Page - Richtek Technology Corporation

Back Button RT9245CPC Datasheet HTML 15Page - Richtek Technology Corporation RT9245CPC Datasheet HTML 16Page - Richtek Technology Corporation RT9245CPC Datasheet HTML 17Page - Richtek Technology Corporation RT9245CPC Datasheet HTML 18Page - Richtek Technology Corporation RT9245CPC Datasheet HTML 19Page - Richtek Technology Corporation RT9245CPC Datasheet HTML 20Page - Richtek Technology Corporation RT9245CPC Datasheet HTML 21Page - Richtek Technology Corporation RT9245CPC Datasheet HTML 22Page - Richtek Technology Corporation RT9245CPC Datasheet HTML 23Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
RT9245C
19
DS9245C-02 March 2007
www.richtek.com
Error Amplifier Characteristic
For fast response of converter to meet stringent output
current transient response, RT9245C provides large slew
rate capability and high gain-bandwidth performance.
Figure 24. EA Rising Transient with 10pF Loading; Slew
Rate = 8V/us
CH1:(500mV/Div)
CH2:(2V/Div)
EA Falling Slew Rate
Time (250ns/Div)
VCOMP
VFB
Figure 25. EA Falling Transient with 10pF Loading;
Slew Rate = 8V/us
Figure 26. Gain-Bandwidth Measurement by signal A
divided by signal B
+
-
EA
4.7k
B
A
VDAC
4.7k
CH1:(500mV/Div)
CH2:(2V/Div)
EA Rising Slew Rate
Time (250ns/Div)
VCOMP
VFB
PGOOD
V
(SS)
V
OUT
OV
Figure 23. Waveform for OV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com