công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L5980TR bảng dữ liệu(PDF) 16 Page - STMicroelectronics

tên linh kiện L5980TR
Giải thích chi tiết về linh kiện  0.7A step-down switching regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5980TR bảng dữ liệu(HTML) 16 Page - STMicroelectronics

Back Button L5980TR Datasheet HTML 12Page - STMicroelectronics L5980TR Datasheet HTML 13Page - STMicroelectronics L5980TR Datasheet HTML 14Page - STMicroelectronics L5980TR Datasheet HTML 15Page - STMicroelectronics L5980TR Datasheet HTML 16Page - STMicroelectronics L5980TR Datasheet HTML 17Page - STMicroelectronics L5980TR Datasheet HTML 18Page - STMicroelectronics L5980TR Datasheet HTML 19Page - STMicroelectronics L5980TR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
Application informations
L5980
16/37
5.3
Output capacitor selection
The current in the capacitor has a triangular waveform which generates a voltage ripple
across it. This ripple is due to the capacitive component and the resistive component (ESR).
So the output capacitor has to be selected in order to have a voltage ripple compliant with
the application requirements.
The amount of the voltage ripple can be calculated starting from the current ripple obtained
by the inductor selection.
Equation 9
Usually the resistive component of the ripple is much higher than the capacitive one, if the
output capacitor adopted is not a multi layer ceramic capacitor (MLCC) with very low ESR
value.
The output capacitor is important also for loop stability: it fixes the double LC filter pole and
the zero due to its ESR. In Chapter 5.4, it will be illustrated how to consider its effect in the
system stability.
For example with VOUT=3.3V, VIN=12V, ∆IL=0.21A (resulting by the inductor value), in order
to have a
∆V
OUT=0.01·VOUT, if the multi layer capacitor are adopted, 10uF are needed and
the ESR effect on the output voltage ripple can be neglected. In case of not negligible ESR
(electrolytic or tantalum capacitors), the capacitor is chosen taking into account its ESR
value. So 100uF with ESR=40m
Ω is compliant with the requested output voltage ripple.
The output capacitor is also important to sustain the output voltage when a load transient
with high slew rate is required by the load. When the load transient slew rate exceeds the
system bandwidth the output capacitor provides the current to the load. So if the high slew
rate load transient is required by the application the output capacitor and system bandwidth
have to be chosen in order to sustain the load transient .
In the table below some capacitor series are listed.
Coiltronics
DRQ73
10 to 22
1.67 to 2.47
LD2
27 to 47
1.64 to 2.1
SUMIDA
CDR6D28MN
10 to 22
1.65 to 2.5
CDRH105RNP
27 to 56
1.9 to 2.7
Table 6.
Inductors (continued)
Manufacturer
Series
Inductor value (
µH)
Saturation current (A)
Table 7.
Output capacitors
Manufacturer
Series
Cap value (
µF)
Rated voltage (V)
ESR (m
Ω)
MURATA
GRM32
22 to 100
6.3 to 25
< 5
GRM31
10 to 47
6.3 to 25
< 5
∆V
OUT
ESR
∆I
MAX
⋅
∆I
MAX
8C
OUT
f
SW
⋅⋅
-------------------------------------
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com