công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L5980TR bảng dữ liệu(PDF) 15 Page - STMicroelectronics

tên linh kiện L5980TR
Giải thích chi tiết về linh kiện  0.7A step-down switching regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5980TR bảng dữ liệu(HTML) 15 Page - STMicroelectronics

Back Button L5980TR Datasheet HTML 11Page - STMicroelectronics L5980TR Datasheet HTML 12Page - STMicroelectronics L5980TR Datasheet HTML 13Page - STMicroelectronics L5980TR Datasheet HTML 14Page - STMicroelectronics L5980TR Datasheet HTML 15Page - STMicroelectronics L5980TR Datasheet HTML 16Page - STMicroelectronics L5980TR Datasheet HTML 17Page - STMicroelectronics L5980TR Datasheet HTML 18Page - STMicroelectronics L5980TR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
Application informations
L5980
15/37
5.2
Inductor selection
The inductance value fixes the current ripple flowing through the output capacitor. So the
minimum inductance value in order to have the expected current ripple has to be selected.
The rule to fix the current ripple value is to have a ripple at 20%-40% of the output current.
The inductance value can be calculated by the following equation:
Equation 6
Where TON and TOFF are the on and off time of the internal power switch. The maximum
current ripple, at fixed Vout, is obtained at maximum TOFF that is at minimum duty cycle (see
previous section to calculate minimum duty). So fixing
∆I
L=20% to 40% of the maximum
output current, the minimum inductance value can be calculated:
Equation 7
where FSW is the switching frequency, 1/(TON + TOFF).
For example for VOUT=3.3V, VIN=12V, IO=0.7A and FSW=250kHz the minimum inductance
value to have
∆I
L=30% of IO is about 45µH.
The peak current through the inductor is given by:
Equation 8
So if the inductor value decreases, the peak current (that has to be lower than the current
limit of the device) increases. The higher is the inductor value, the higher is the average
output current that can be delivered, without reaching the current limit.
In the table below some inductor part numbers are listed.
Table 6.
Inductors
Manufacturer
Series
Inductor value (
µH)
Saturation current (A)
Wurth
TPC XL
10 to 33
1.3 to 2.5
PD3 L
33 to 68
1.35 to 1.8
Coilcraft
MSS1038
39 to 68
1.62 to 2.04
LPS6235
12 to 33
1.4 to 2.2
∆I
L
V
IN
V
OUT
–
L
------------------------------ T
ON
⋅
V
OUT
L
-------------- T
OFF
⋅
==
L
MIN
V
OUT
V
F
+
∆I
MAX
----------------------------
1D
MIN
–
F
SW
-----------------------
⋅
=
I
LPK
,
I
O
∆I
L
2
--------
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com