công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AK4635 bảng dữ liệu(PDF) 78 Page - Asahi Kasei Microsystems

tên linh kiện AK4635
Giải thích chi tiết về linh kiện  16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AKM [Asahi Kasei Microsystems]
Trang chủ  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4635 bảng dữ liệu(HTML) 78 Page - Asahi Kasei Microsystems

Back Button AK4635 Datasheet HTML 73Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 74Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 75Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 76Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 77Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 78Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 79Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 80Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 81Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 78 / 81 page
background image
[AK4635]
Rev. 0.6
2007/10
- 78 -
< MIC differential Input >
Top View
AVDD
NC
MCKO
Analog Supply
2.8
∼3.6V
0.1µ
1k
Speaker
Cp
0.1µ
DSP
&
µP
ZD1
VSS1
VSAG
VIN
PDN
CSN
VOUT
VCOM
VCOC
FCK
CCLK
CDTI
MPI
MICP
MICN
AOUT
MCKI
SDTI
BICK
VSS3
VSS2
DVDD
I2C
SPP
SVDD
SPN
SDTO
Cv
Rp
+
Cs
75
0.1µ
+
10µ
0.1µ
+
2.2µ
1µ
1µ
220
20 k
R2
R1
ZD2
0.1µ
Dynamic SPK
R1, R2: Short
ZD1, ZD2: Open
Piezo SPK
R1, R2:
≥10Ω
ZD1, ZD2: Required
10
1k
1µ
Figure 64. Typical Connection Diagram
Notes:
- VSS1, VSS2 and VSS3 of the AK4635 should be distributed separately from the ground of external controllers.
- All digital input pins except pull-down pin should not be left floating.
- In EXT mode (PMPLL bit = “0”), Rp and Cp of the VCOC pin can be open.
- In PLL mode (PMPLL bit = “1”), Rp and Cp of the VCOC pin should be connected as shown in Table 48.
- When the AK4635 is used at master mode, FCK and BICK pins are floating before M/S bit is changed to “1”.
Therefore, a pull-up resistor with around 100Ω should be connected to LRCK and BICK pins of the AK4635.
-When AVDD, DVDD and SVDD were distributed, DVDD = 1.6 ~ 3.6 V, SVDD = 2.2 ~ 4.0 V.
Rp and Cp of
VCOC pin
PLL Lock
Time (max)
Mode
PLL3
bit
PLL2
bit
PLL1
bit
PLL0
bit
PLL Reference
Clock Input Pin
Input Frequency
Rp[
Ω]
Cp[F
]
0
0
0
0
0
FCK pin
1fs
6.8k
220n
160ms
(default)
1
0
0
0
1
BICK pin
16fs
10k
4.7n
2ms
2
0
0
1
0
BICK pin
32fs
10k
4.7n
2ms
3
0
0
1
1
BICK pin
64fs
10k
4.7n
2ms
6
0
1
1
0
MCKI pin
12MHz
10k
4.7n
30ms
7
0
1
1
1
MCKI pin
24MHz
10k
4.7n
30ms
12
1
1
0
0
MCKI pin
13.5MHz
10k
10n
30ms
13
1
1
0
1
MCKI pin
27MHz
10k
10n
30ms
Others
Others
N/A
Table 48. Setting of PLL Mode (*fs: Sampling Frequency, N/A: Not available)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com