công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AK4635 bảng dữ liệu(PDF) 46 Page - Asahi Kasei Microsystems

tên linh kiện AK4635
Giải thích chi tiết về linh kiện  16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AKM [Asahi Kasei Microsystems]
Trang chủ  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4635 bảng dữ liệu(HTML) 46 Page - Asahi Kasei Microsystems

Back Button AK4635 Datasheet HTML 42Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 43Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 44Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 45Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 46Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 47Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 48Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 49Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 50Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 81 page
background image
[AK4635]
Rev. 0.6
2007/10
- 46 -
2. ALC Recovery Operation
The ALC recovery operation waits for the WTM2-0 bits (Table 28) to be set after completing the ALC limiter operation.
If the input signal does not exceed “ALC recovery waiting counter reset level” (Table 25) during the wait time, the ALC
recovery operation is executed. The VOL value is automatically incremented by RGAIN1-0 bits (Table 29) up to the set
reference level (Table 30, Table 31) with zero crossing detection which timeout period is set by ZTM1-0 bits (Table 27).
The ALC recovery operation is executed in a period set by WTM2-0 bits.
For example, when the current VOL value is 30H and RGAIN1-0 bits are set to “01”(2 steps), VOL is changed to 32H by
the auto limiter operation and then the input signal level is gained by 0.75dB (=0.375dB x 2). When the VOL value
exceeds the reference level (IREF7-0 or OREF5-0), the VOL values are not increased.
When
“ALC recovery waiting counter reset level (LMTH1-0)
≤ Output Signal < ALC limiter detection level (LMTH1-0)”
during the ALC recovery operation, the waiting timer of ALC recovery operation is reset. When
“ALC recovery waiting counter reset level (LMTH1-0) > Output Signal”,
the waiting timer of ALC recovery operation starts.
The ALC operation corresponds to the impulse noise. When the impulse noise is input, the ALC recovery operation
becomes faster than a normal recovery operation. When large noise is input to microphone instantaneously, the quality of
small level in the large noise can be improved by this fast recovery operation. The speed of first recovery operation is set
by RFST1-0 bits (Table 32).
ALC Recovery Operation Waiting Period
WTM2
WTM1
WTM0
8kHz
16kHz
44.1kHz
0
0
0
128/fs
16ms
8ms
2.9ms
(default)
0
0
1
256/fs
32ms
16ms
5.8ms
0
1
0
512/fs
64ms
32ms
11.6ms
0
1
1
1024/fs
128ms
64ms
23.2ms
1
0
0
2048/fs
256ms
128ms
46.4ms
1
0
1
4096/fs
512ms
256ms
92.9ms
1
1
0
8192/fs
1024ms
512ms
185.8ms
1
1
1
16384/fs
2048ms
1024ms
371.5ms
Table 28. ALC Recovery Operation Waiting Period
RGAIN1
RGAIN0
GAIN STEP
0
0
1
0.375dB
(default)
0
1
2
0.750dB
1
0
3
1.125dB
1
1
4
1.500dB
Table 29. ALC Recovery GAIN Step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com