công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AK4635 bảng dữ liệu(PDF) 28 Page - Asahi Kasei Microsystems

tên linh kiện AK4635
Giải thích chi tiết về linh kiện  16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AKM [Asahi Kasei Microsystems]
Trang chủ  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4635 bảng dữ liệu(HTML) 28 Page - Asahi Kasei Microsystems

Back Button AK4635 Datasheet HTML 24Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 25Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 26Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 27Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 28Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 29Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 30Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 31Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 32Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 81 page
background image
[AK4635]
Rev. 0.6
2007/10
- 28 -
■ PLL Master Mode (PMPLL bit = “1”, M/S bit = “1”)
When an external clock (12MHz, 13.5MHz, 24MHz or 27MHz) is input to the MCKI pin, the MCKO, BICK and FCK
clocks are generated by an internal PLL circuit. The MCKO output frequency is fixed to 256fs, the output is enabled by
MCKO bit. The BICK is selected among 16fs, 32fs or 64fs, by BCKO1-0 bits. (Table 9)
In DSP mode, FCK output can select Duty 50% or High-output only during 1 BICK cycle (Table 10). Except DSP mode,
FCKO bit should be set “0”.
When BICK output frequency is 16fs, the audio interface format supports Mode 0 only (DSP Mode).
AK4635
DSP or
μP
MCKO
BICK
FCK
SDTO
SDTI
BCLK
FCK
SDTI
SDTO
MCKI
1fs
16fs, 32fs, 64fs
256fs
12MHz, 13.5MHz,
24MHz, 27MHz
MCLK
Figure 23. PLL Master Mode
Mode
BCKO1
BCKO0
BICK Output
Frequency
0
0
0
16fs
(default)
1
0
1
32fs
2
1
0
64fs
3
1
1
N/A
Table 9. BICK Output Frequency at Master Mode
Mode
FCKO
FCK Output
0
0
Duty = 50%
(default)
1
1
High Width = 1/fBCK
fBCK is BICK Output Frequency.
Table 10. FCK Output at PLL Master Mode and DSP Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81