| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
405EX bảng dữ liệu(PDF) 64 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
405EX bảng dữ liệu(HTML) 64 Page - Applied Micro Circuits Corporation |
|
64 / 67 page ![]() PPC405EX – PowerPC 405EX Embedded Processor 64 AMCC Proprietary Revision 1.09 - August 21, 2007 Preliminary Data Sheet Figure 10. DDR SDRAM Read Cycle Timing—Example DQS at PLB 1X Clock Data at Pin D0 D2 High Low Feedback D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 Data Out Stage 2 D1 D3 DDR 1X Clock DDR 2X Clock Memclk (Diff.) Data Out Stage 1 (0) Delayed DQS Data out Stage 1 (2) Data Out Stage 1 (1) Output DDR 1X Clock cycle MemCntl Pin Valid Store 1st Data T1 T2 T3 T4 Oversampling Guard Band in Stage 2 |