công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KIT-7800-RK-L bảng dữ liệu(PDF) 1 Page - Arista Networks, Inc

tên linh kiện KIT-7800-RK-L
Giải thích chi tiết về linh kiện  7800R4 Series AI Spine Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ARISTA [Arista Networks, Inc]
Trang chủ  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

KIT-7800-RK-L bảng dữ liệu(HTML) 1 Page - Arista Networks, Inc

  KIT-7800-RK-L Datasheet HTML 1Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 2Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 3Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 4Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 5Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 6Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 7Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 8Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 9Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
7800R4 Series AI Spine Switch
Data Sheet
Product Highlights
System Scale and Performance
• 460 Tbps (920 Tbps FDX) fabric capacity
• Up to 173 Billion packets per second
• Up to 28.8 Tbps per slot
• Up to 576 wire-speed 800G ports
• 100G, 200G, 400G and 800G modes
• Deep packet buffer up to 32 GB /line card
Optimized for AI/ML and HPC Clusters
• Fully scheduled lossless interconnect
• 100% efficient cell based load balancing
• Distributed hardware scheduler
• Per port Virtual Output Queuing to
eliminate head of line blocking
• Hardware accelerated link health
management
• Under 4 microsecond latency (64 bytes)
• Ultra Ethernet ready
High Availability
• Dual-input grid redundant power supplies
• Configurable PSU redundancy up to N+N
• 1+1 Supervisor redundancy
• Graceful fabric module redundancy
Arista Etherlink for AI
• AI Analyzer powered by AVA
• Advanced collective load balancing and
congestion management
• AI workflow integration
Advanced Provisioning, Monitoring
• CloudVision
• LANZ for microburst detection
• Zero Touch Provisioning (ZTP)
• Accelerated sFlow (RFC3176)
• IEEE 1588 PTP
Power Efficiency
• High efficiency power and cooling design
• High performance SerDes enable
• 4m passive copper (DAC)
• Linear-drive pluggable optics (LPO)
Arista Extensible Operating System
• Single 64-bit binary image
• Fine-grained truly modular network OS
• Stateful Fault Containment & Repair
• Full access to Linux shell and tools
• Open APIs and Real-time telemetry
• Extensible platform - bash, python, C++
Overview
The Arista 7800R4 Series of purpose built modular switches deliver the industry’s
highest single-hop network performance. Scaling to 460 Tbps (920 Tbps Full
Duplex) of system throughput, 576 ports of 800GbE or 1152 ports of 400GbE, the
very large radix of the 7800R4 series meets the needs of small and medium AI
clusters in a single tier, while scaling to support tens or hundreds of thousands of
accelerators in a 2-tier or 3-tier leaf-spine topology.
Available in a choice of 16, 12, 8 and 4 slots, the Arista 7800R4 is the second
generation of the 7800R Series and delivers a consistent architecture offering the
same deep buffer, non-blocking, fully scheduled and lossless VOQ cell-spraying
fabric while doubling performance and density and improving power efficiency.
The Ultra Ethernet ready, fair and lossless forwarding architecture delivers best in
class application performance with advanced features for visibility, telemetry and
monitoring; delivering reliability, scalability and deterministic performance that is
critical to maximizing accelerator utilization.
All components are hot swappable, with redundant supervisor, power, fabric and
cooling modules with front-to-rear airflow. The system is purpose built for business
critical availability and is energy efficient with best in class power consumption.
These attributes make the Arista 7800R an ideal platform for AI back-end and front-
end interconnects.
Arista 7800R Series Modular Data
Center Switches
Arista EOS
All Arista products including the 7800R4 Series runs the same Arista EOS software,
simplifying network administration with a common standard across all switches.
Arista EOS is a modular switch operating system with a unique state sharing
architecture that cleanly separates switch state from protocol processing and
application logic. Built on top of a standard Linux kernel, all EOS processes run in
their own protected memory space and exchange state through an in-memory
database. This multi-process state sharing architecture provides the foundation for
in-service-software updates and self-healing resiliency together with stateful
switchover without the loss of data plane forwarding.
Arista EOS enables advanced monitoring and automation capabilities such as AI
Tracer, Zero Touch Provisioning, LANZ, VM Tracer and Linux based tools to be run
natively on the switch.


Số phần tương tự - KIT-7800-RK-L

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Arista Networks, Inc
KIT-7800-RK-L ARISTA-KIT-7800-RK-L Datasheet
1,011Kb / 25P
7800R3 Series Data Center Switch Router
October 28th, 2024
More results

Mô tả tương tự - KIT-7800-RK-L

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
VIA Technologies, Inc.
ALTADS3 VIA-ALTADS3 Datasheet
510Kb / 2P
Edge AI Solutions
logo
PHOENIX CONTACT
1203644 PHOENIX-1203644 Datasheet
92Kb / 3P
CRIMPFOX LC-AI 25
3009215 PHOENIX-3009215 Datasheet
90Kb / 3P
AI 0,34- 6 TQ
3200593 PHOENIX-3200593 Datasheet
92Kb / 3P
AI 4 -18 GY
3200632 PHOENIX-3200632 Datasheet
96Kb / 3P
AI 0,25-12 BU
3200852 PHOENIX-3200852 Datasheet
69Kb / 2P
AI 0,25- 8 YE
3201291 PHOENIX-3201291 Datasheet
90Kb / 3P
AI 0,25- 6 BU
logo
Adlink Technology Inc.
MVP-5100-MXM ADLINK-MVP-5100-MXM Datasheet
443Kb / 2P
Embedded GPU/AI Platforms
logo
PHOENIX CONTACT
2400057 PHOENIX-2400057 Datasheet
72Kb / 3P
Function block - SAFE AI
09/12/2020
logo
Advantech Co., Ltd.
ICAM-520 ADVANTECH-ICAM-520 Datasheet
185Kb / 1P
ICAM-520/500 Series Industrial AI Camera
1-Nov-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com