công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KIT-7800-RK-L bảng dữ liệu(PDF) 9 Page - Arista Networks, Inc

tên linh kiện KIT-7800-RK-L
Giải thích chi tiết về linh kiện  7800R4 Series AI Spine Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ARISTA [Arista Networks, Inc]
Trang chủ  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

KIT-7800-RK-L bảng dữ liệu(HTML) 9 Page - Arista Networks, Inc

  KIT-7800-RK-L Datasheet HTML 1Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 2Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 3Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 4Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 5Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 6Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 7Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 8Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 9Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
7800R4 Series | Ordering Information
Headquarters
5453 Great America Parkway
Santa Clara, California 95054
408-547-5500
Support
support@arista.com
408-547-5502
866-476-0000
Sales
sales@arista.com
408-547-5501
866-497-0000
Copyright 2024 Arista Networks, Inc. The information contained herein is subject to change without notice. Arista, the
Arista logo and EOS are trademarks of Arista Networks. Other product or service names may be trademarks or service marks
of others.
Warranty
The Arista 7800R4 Series switches come with a one-year limited hardware warranty, which covers parts, repair, or replacement with a 10
business day turn-around after the unit is received.
Service and Support
Support services including next business day and 4-hour advance hardware replacement are available. For service depot locations,
please see: http://www.arista.com/en/service
www.arista.com
Sept 2nd, 2024
03-0078-01
Optional Components and Spares
FAN-7800-HS
Spare fan module (for use in 7800-FCM modules and 7800R4-FM modules)
DCS-7800-SCVR
Blank cover for 7800 series supervisor slot
DCS-7800-PCVR
Blank cover for 7800 series power supply slot
DCS-7800-LCVR
Blank cover for 7800 series line card slot
KIT-7804
Spare accessory kit for Arista 7808. 4 post mount. (16x SAF-D-C20, 4m) (Extended Depth Rails)
KIT-7808
Spare accessory kit for Arista 7808. 4 post mount. (16x SAF-D-C20, 4m) (Extended Depth Rails)
KIT-7812
Spare accessory kit for Arista 7812. 4 post mount. (20x SAF-D-C20, 4m) (Extended Depth Rails)
KIT-7816
Spare accessory kit for Arista 7816. 4 post mount. (24x SAF-D-C20, 4m) (Extended Depth Rails)
KIT-7800-RK
Spare 4 post mounting kit for Arista 7800 series (Standard Depth [23.9 to 33.65 in / 60.6 to 85.5 cm])
KIT-7800-RK-L
Spare 4 post mounting kit for Arista 7800 series (Extended Depth [32.37 to 42.12 in / 82.3 to 107 cm])
CAB-AC-20A-SG-C20-1M
Power cord, SAF-D-GRID to C20 (1m)
CAB-AC-20A-SG-C20-2M
Power cord, SAF-D-GRID to C20 (2m)
CAB-AC-20A-SG-C20-3M
Power cord, SAF-D-GRID to C20 (3m)
CAB-AC-20A-SG-C20-4M
Power cord, SAF-D-GRID to C20 (4m)



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com