công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KIT-7800-RK-L bảng dữ liệu(PDF) 5 Page - Arista Networks, Inc

tên linh kiện KIT-7800-RK-L
Giải thích chi tiết về linh kiện  7800R4 Series AI Spine Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ARISTA [Arista Networks, Inc]
Trang chủ  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

KIT-7800-RK-L bảng dữ liệu(HTML) 5 Page - Arista Networks, Inc

  KIT-7800-RK-L Datasheet HTML 1Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 2Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 3Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 4Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 5Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 6Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 7Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 8Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 9Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
7800R4 Series | Technical Specifications
Fabric Module
DCS-7816LR4-FM
DCS-7812R4-FM
Redundancy
Graceful degradation supported
Dimensions (HxWxD)
2.5” x 43.3” x 23.7”
(6.4 x 109.9 x 60.1 cm)
2.5” x 31.6” x 23.7”
(6.4 x 80.3 x 60.1 cm)
Weight
TBD
52.2 lbs (23.7 kg)
Typical (Max) Power 1
TBD
TBD
User Serviceable Fans
Yes (16 Fan Modules)
Yes (12 Fan Modules)
Chassis Support
DCS-7816L
(Slots 1-5)
DCS-7812
(Slots 1-5)
Fabric Module
DCS-7808R4-FM
DCS-7804R4-FM
Redundancy
Graceful degradation supported
Dimensions (HxWxD)
2.5” x 21.5” x 23.70"
(6.4 x 54.7 x 60.1 cm)
2.5” x 12.4” x 23.70"
(6.4 x 31.4 x 60.1 cm)
Weight
35.8 lbs (16.2 kg)
21 lbs (9.5 kg)
Typical (Max) Power 1
762 W (1194 W)
TBD
User Serviceable Fans
Yes (8 Fan Modules)
Yes (4 Fan Modules)
Chassis Support
DCS-7808
(Slots 1-5)
DCS-7804
(Slots 1-5)
1. Typical power consumption measured at 25C ambient with 50% load on all ports.
Fabric
Cooling Module
DCS-7816L-FCM
DCS-7812-FCM
Redundancy
Graceful cooling degradation supported
Dimensions (HxWxD)
2.5” x 43.3” x 23.7”
(6.4 x 109.9 x 60.1 cm)
2.5” x 31.6” x 23.7”
(6.4 x 80.3 x 60.1 cm)
Weight
TBD
35.2 lbs (16 kg)
Typical (Max) Power 1
TBD
TBD
User Serviceable Fans
Yes (16 Fan Modules)
Yes (12 Fan Modules)
Chassis Support
DCS-7816L
(Slot 6)
DCS-7812
(Slot 6)
Fabric
Cooling Module
DCS-7808-FCM
DCS-7804-FCM
Redundancy
Graceful cooling degradation supported
Dimensions (HxWxD)
2.5” x 21.5” x 23.70"
(6.4 x 54.7 x 60.1 cm)
2.5” x 12.4” x 23.70"
(6.4 x 31.4 x 60.1 cm)
Weight
22.6 lbs (10.3 kg)
14.8 lbs (6.7 kg)
Typical (Max) Power 1
303 W (616 W)
TBD
User Serviceable Fans
Yes (8 Fan Modules)
Yes (4 Fan Modules)
Chassis Support
DCS-7808
(Slot 6)
DCS-7804
(Slot 6)



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com