công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KIT-7800-RK-L bảng dữ liệu(PDF) 8 Page - Arista Networks, Inc

tên linh kiện KIT-7800-RK-L
Giải thích chi tiết về linh kiện  7800R4 Series AI Spine Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ARISTA [Arista Networks, Inc]
Trang chủ  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

KIT-7800-RK-L bảng dữ liệu(HTML) 8 Page - Arista Networks, Inc

  KIT-7800-RK-L Datasheet HTML 1Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 2Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 3Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 4Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 5Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 6Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 7Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 8Page - Arista Networks, Inc KIT-7800-RK-L Datasheet HTML 9Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
7800R4 Series | Ordering Information
System Bundles
DCS-7804R4-BND-U 1
Arista 7804R4 Chassis bundle. Includes 7804 chassis, 6x3kW D1 AC PS, 5xFM-R4, 1xFCM, 1x7800-Sup1S
(Secure Boot Enabled, Extended Rack Kit)
DCS-7804R4-BND-U-DC 1
Arista 7804R4 Chassis bundle. Includes 7804 chassis, 6x3kW D2 DC PS, 5xFM-R4, 1xFCM, 1x7800-Sup1S
(Secure Boot Enabled, Extended Rack Kit)
DCS-7808R4-BND-U
Arista 7808R4 Chassis bundle. Includes 7808 chassis, 8x3kW D1 AC PS, 5xFM-R4, 1xFCM, 1x7800-Sup1S
(Secure Boot Enabled, Extended Rack Kit)
DCS-7808R4-BND-U-DC
Arista 7808R4 Chassis bundle. Includes 7808 chassis, 8x3kW D2 DC PS, 5xFM-R4, 1xFCM, 1x7800-Sup1S
(Secure Boot Enabled, Extended Rack Kit)
DCS-7812R4-BND-U
Arista 7812R4 Chassis bundle. Includes 7812 chassis, 10x3kW D1 AC PS, 5xFM-R4, 1xFCM, 1x7800-Sup1S
(Secure Boot Enabled, Extended Rack Kit)
DCS-7812R4-BND-U-DC
Arista 7812R4 Chassis bundle. Includes 7812 chassis, 10x3kW D2 DC PS, 5xFM-R4, 1xFCM, 1x7800-Sup1S
(Secure Boot Enabled, Extended Rack Kit)
DCS-7816LR4-BND-U 1
Arista 7816LR4 Chassis bundle. Includes 7816L chassis, 12x3kW D1 AC PS, 5xFM-R4, 1xFCM, 1x7800-Sup1S
(Secure Boot Enabled, Extended Rack Kit)
DCS-7816LR4-BND-U-DC 1
Arista 7816LR4 Chassis bundle. Includes 7816L chassis, 12x3kW D2 DC PS, 5xFM-R4, 1xFCM, 1x7800-Sup1S
(Secure Boot Enabled, Extended Rack Kit)
Line Cards
DCS-7800R4C-36PE-LC
7800R4 Series 36 port 800GbE OSFP line card for compute clusters (spare)
DCS-7800R4C-36PE-LC#
7800R4 Series 36 port 800GbE OSFP line card for compute clusters (ships in chassis)
Optional Components and Spares
DCS-7804-CH
Arista 7804 chassis, 2 Supervisor slots, 4 line card slots, 6 Fabric Module slots, AC or DC option
DCS-7804R4-FM 1
7800R4 Series Fabric Module for 7804 Chassis, required for fabric slots 1-5
DCS-7804-FCM 1
7800 Series Fabric Cooling Module for 7804 Chassis, required for fabric slot 6
DCS-7808-CH
Arista 7808 chassis, 2 Supervisor slots, 8 line card slots, 6 Fabric Module slots, AC or DC option
DCS-7808R4-FM
7800R4 Series Fabric Module for 7808 Chassis, required for fabric slots 1-5
DCS-7808-FCM
7800 Series Fabric Cooling Module for 7808 Chassis, required for fabric slot 6
DCS-7812-CH
Arista 7812 chassis, 2 Supervisor slots, 12 line card slots, 6 Fabric Module slots, AC or DC option
DCS-7812R4-FM
7800R4 Series Fabric Module for 7812 Chassis, required for fabric slots 1-5
DCS-7812-FCM
7800 Series Fabric Cooling Module for 7812 Chassis, required for fabric slot 6
DCS-7816L-CH
Arista 7816L chassis, 2 Supervisor slots, 16 line card slots, 6 Fabric Module slots, AC or DC option
DCS-7816LR4-FM 1
7800R4 Series Fabric Module for 7816L Chassis, required for fabric slots 1-5
DCS-7816L-FCM 1
7800 Series Fabric Cooling Module for 7816L Chassis, required for fabric slot 6
DCS-7800-SUP1S
Supervisor1S module for 7800 series - 7808 and 7804 chassis (Secure Boot Enabled)
DCS-7816-SUP1S
Supervisor1S module for 7800 series - 7816L, 7816 and 7812 chassis (Secure Boot Enabled)
PWR-D1-3041-AC-BLUE
Arista PSU, ATS, 1RU, AC, 3KW, BLUE
PWR-D2-3041-DC-BLUE
Arista PSU, DUAL INPUT, 1RU, DC, 3KW, BLUE
PWR-D4-3041-AC-BLUE
Arista PSU, ATS-HVAC-HVDC, 1RU, AC, 3KW, BLUE (Worldwide with 277VAC/380VDC support)
1. Available in mid-2025



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com