| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
C8051F360 bảng dữ liệu(PDF) 37 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
C8051F360 bảng dữ liệu(HTML) 37 Page - Silicon Laboratories |
|
37 / 288 page ![]() Rev. 1.0 37 C8051F360/1/2/3/4/5/6/7/8/9 P1.0 45 26 22 D I/O or A In Port 1.0. See Section 17 for a complete description. P1.1 44 25 21 D I/O or A In Port 1.1. See Section 17 for a complete description. P1.2 41 24 20 D I/O or A In Port 1.2. See Section 17 for a complete description. P1.3 40 23 19 D I/O or A In Port 1.3. See Section 17 for a complete description. P1.4 39 22 18 D I/O or A In Port 1.4. See Section 17 for a complete description. P1.5 38 21 17 D I/O or A In Port 1.5. See Section 17 for a complete description. P1.6 37 20 16 D I/O or A In Port 1.6. See Section 17 for a complete description. P1.7 36 19 15 D I/O or A In Port 1.7. See Section 17 for a complete description. P2.0 35 18 14 D I/O or A In Port 2.0. See Section 17 for a complete description. P2.1 34 17 13 D I/O or A In Port 2.1. See Section 17 for a complete description. P2.2 33 16 12 D I/O or A In Port 2.2. See Section 17 for a complete description. P2.3 32 15 11 D I/O or A In Port 2.3. See Section 17 for a complete description. P2.4 29 14 10 D I/O or A In Port 2.4. See Section 17 for a complete description. P2.5 28 13 9 D I/O or A In Port 2.5. See Section 17 for a complete description. P2.6 27 12 8 D I/O or A In Port 2.6. See Section 17 for a complete description. P2.7 26 11 7 D I/O or A In Port 2.7. See Section 17 for a complete description. P3.0 25 — — D I/O or A In Port 3.0. See Section 17 for a complete description. Table 4.1. Pin Definitions for the C8051F36x (Continued) Name Pin ‘F360/3 (48-pin) Pin ‘F361/4/6/8 (32-pin) Pin ‘F362/5/7/9 (28-pin) Type Description |