công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

C8051F360 bảng dữ liệu(PDF) 91 Page - Silicon Laboratories

tên linh kiện C8051F360
Giải thích chi tiết về linh kiện  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILABS [Silicon Laboratories]
Trang chủ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 bảng dữ liệu(HTML) 91 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 87Page - Silicon Laboratories C8051F360 Datasheet HTML 88Page - Silicon Laboratories C8051F360 Datasheet HTML 89Page - Silicon Laboratories C8051F360 Datasheet HTML 90Page - Silicon Laboratories C8051F360 Datasheet HTML 91Page - Silicon Laboratories C8051F360 Datasheet HTML 92Page - Silicon Laboratories C8051F360 Datasheet HTML 93Page - Silicon Laboratories C8051F360 Datasheet HTML 94Page - Silicon Laboratories C8051F360 Datasheet HTML 95Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 288 page
background image
0x00
(ADC0)
0x0F
(OSCICN)
SFRPAGE
SFRLAST
SFRNEXT
SFRPAGE
pushed to
SFRNEXT
SFR Page 0x00
Automatically
pushed on stack in
SFRPAGE on ADC0
interrupt
Rev. 1.0
91
C8051F360/1/2/3/4/5/6/7/8/9
Figure 9.5. SFR Page Stack After ADC0 Window Comparator Interrupt Occurs
While in the ADC0 ISR, a PCA interrupt occurs. Recall the PCA interrupt is configured as a high priority
interrupt, while the ADC0 interrupt is configured as a low priority interrupt. Thus, the CIP-51 will now vector
to the high priority PCA ISR. Upon doing so, the CIP-51 will automatically place SFR page 0x00 into the
SFRPAGE register. The value that was in the SFRPAGE register before the PCA interrupt (SFR Page 0x00
for ADC0) is pushed down the stack into SFRNEXT. Likewise, the value that was in the SFRNEXT register
before the PCA interrupt (in this case SFR Page 0x0F for OSCICN) is pushed down to the SFRLAST reg-
ister, the “bottom” of the stack. Note that a value stored in SFRLAST (via a previous software write to the
SFRLAST register) will be overwritten. See Figure 9.6 below.
0x00
(PCA)
0x00
(ADC0)
0x0F
(OSCICN)
SFRPAGE
SFRLAST
SFRNEXT
SFR Page 0x00
Automatically
pushed on stack in
SFRPAGE on PCA
interrupt
SFRPAGE
pushed to
SFRNEXT
SFRNEXT
pushed to
SFRLAST
Figure 9.6. SFR Page Stack Upon PCA Interrupt Occurring During an ADC0 ISR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More