| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCA9665D bảng dữ liệu(PDF) 64 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9665D bảng dữ liệu(HTML) 64 Page - NXP Semiconductors |
|
64 / 91 page ![]() PCA9665_2 © NXP B.V. 2006. All rights reserved. Product data sheet Rev. 02 — 7 December 2006 64 of 91 NXP Semiconductors PCA9665 Fm+ parallel bus to I2C-bus controller External master receiver reads data from PCA9665. (1) As defined in I2CADR register. (2) Number of bytes received = value programmed in I2CCOUNT register (BC[6:0] ≤ 68). Fig 25. Bus timing diagram; Buffered Slave Transmitter mode n byte(2) ACK SCL SDA INT START condition 7-bit address(1) R/W = 1 from slave PCA9665 first byte(2) ACK no ACK STOP condition 002aab269 from master receiver interrupt interrupt Slave PCA9665 is written to by external master transmitter. (1) As defined in I2CADR register. (2) Number of bytes received = value programmed in I2CCOUNT register (BC[6:0] ≤ 68). Fig 26. Bus timing diagram; Buffered Slave Receiver mode n byte(2) ACK SCL SDA INT START condition 7-bit address(1) R/W = 0 from slave PCA9665 first byte(2) ACK ACK STOP condition 002aab270 interrupt interrupt (after STOP) interrupt Fig 27. Bus timing diagram; Software Reset Call ACK SCL SDA INT START condition 7-bit SWRST Call address R/W = 0 from slave PCA9665 first byte = 0xA5 ACK STOP condition 002aab488 interrupt (after STOP) interrupt second byte = 0x5A ACK |