| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCA9665D bảng dữ liệu(PDF) 55 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9665D bảng dữ liệu(HTML) 55 Page - NXP Semiconductors |
|
55 / 91 page ![]() PCA9665_2 © NXP B.V. 2006. All rights reserved. Product data sheet Rev. 02 — 7 December 2006 55 of 91 NXP Semiconductors PCA9665 Fm+ parallel bus to I2C-bus controller Table 45. Buffered Mode (MODE = 1) Control bits LB=0 LB=1 AA = 0 Master Transmitter mode • address/data are transmitted on a multiple byte basis = BC[6:0] value Master Receiver mode • address is transmitted and data are received on a multiple byte basis = BC[6:0] value • ACK returned after the last byte of a buffered sequence received (after bytes received = BC[6:0] value) Master Transmitter mode • address/data are transmitted on a multiple byte basis = BC[6:0] value Master Receiver mode • address is transmitted and data are received on a multiple byte basis = BC[6:0] value • NACK returned after the last byte of a buffered sequence received (after bytes received = BC[6:0] value) Slave Transmitter mode • NACK returned after own slave address received • in addressed mode, data are transmitted on a multiple byte basis = BC[6:0] value • in addressed mode, switch to non addressed mode after the last byte of a buffered sequence is transmitted (after bytes sent = BC[6:0] value) Slave Receiver mode • NACK returned after own slave address received • in addressed mode, data are received on a multiple byte basis = BC[6:0] value • in addressed mode, ACK returned after the last byte of a buffered sequence received (after bytes received = BC[6:0] value) • in addressed mode, switch to non-addressed mode after the last byte of a buffered sequence is received (after bytes received = BC[6:0] value) Slave Transmitter mode • NACK returned after own slave address received • in addressed mode, data are transmitted on a multiple byte basis = BC[6:0] value • in addressed mode, switch to non addressed mode after the last byte of a buffered sequence is transmitted (after bytes sent = BC[6:0] value) Slave Receiver mode • NACK returned after own slave address received • in addressed mode, data are received on a multiple byte basis = BC[6:0] value • in addressed mode, NACK returned after the last byte of a buffered sequence received (after bytes received = BC[6:0] value) • in addressed mode, switch to non-addressed mode after the last byte of a buffered sequence is received (after bytes received = BC[6:0] value) |