| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCA9665D bảng dữ liệu(PDF) 54 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9665D bảng dữ liệu(HTML) 54 Page - NXP Semiconductors |
|
54 / 91 page ![]() PCA9665_2 © NXP B.V. 2006. All rights reserved. Product data sheet Rev. 02 — 7 December 2006 54 of 91 NXP Semiconductors PCA9665 Fm+ parallel bus to I2C-bus controller Table 44. Unbuffered Mode (MODE = 0) Control bits LB = x AA = 0 Master Transmitter mode • address/data are transmitted on a byte basis Master Receiver mode • address is transmitted and data are received on a byte basis • NACK returned after one byte received Slave Transmitter mode • NACK returned after own slave address received • switch to not addressed slave mode any time during an I2C-bus sequence Slave Receiver mode • NACK returned after own slave address received • NACK returned after one byte received AA = 1 Master Transmitter mode • address/data are transmitted on a byte basis Master Receiver mode • data are received on a byte basis • ACK returned after one byte received Slave Transmitter mode • ACK returned after own slave address received • always addressed during an I2C-bus sequence Slave Receiver mode • ACK returned after own slave address received • ACK returned after one byte received |