| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM5366-PI bảng dữ liệu(PDF) 188 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM5366-PI bảng dữ liệu(HTML) 188 Page - PMC-Sierra, Inc |
|
188 / 267 page ![]() PRELIMINARY PM5366 TEMAP-84 DATASHEET PMC-2010672 ISSUE 1 HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER PROPRIETARY AND CONFIDENTIAL 176 Table 20 - Structure for Carrying Multiplexed Links SBI Column 1 6 7 8 15 16 17 18 19 268 269 270 Row 1 - ••• -C1 - ••• - SPE1SPE2SPE3SPE1 ••• SPE1SPE2SPE3 2- ••• --- ••• - SPE1SPE2SPE3SPE1 ••• SPE1SPE2SPE3 9 - - - - - SPE1SPE2SPE3SPE1 SPE1SPE2SPE3 1 2 3 3 5 6667 90 90 90 SPE Column The TEMAP-84 when enabled for SBI interconnection will add and drop either 28 T1s, 21 E1s, a DS3 or an E3 into each of the three Synchronous Payload Envelopes, SPE1, SPE2 or SPE3. Each SPE is independent of the others. When T1 or E1 tributaries are sourced from the telecom bus via VT1.5, TU11, VT2 or TU12 mappings, the TEMAP-84 also supports a mix of transparent virtual tributaries with T1s and E1s. A restriction to this are that only VT1.5s, TU11s and T1s can be mixed together or VT2s, TU12s and E1s can be mixed together. Another restriction is that the telecom bus and SBI bus must run from the same clock with a fixed framing offset, ie. SREFCLK and LREFCLK are externally connected. Tributary Numbering Tributary numbering for T1 and E1 uses the SPE number, followed by the Tributary number within that SPE and are numbered sequentially. Table 21 and Table 22 show the T1 and E1 column numbering and relates the tributary number to the SPE column numbers and overall SBI column structure. Numbering for DS3 or E3 follows the same naming convention even though there is only one DS3 or E3 per SPE. TVT1.5s and TVT2s follow the same numbering conventions as T1 and E1 tributaries respectively. SBI columns 16-18 are unused for T1, E1, TVT1.5 and TVT2 tributaries. Table 21 - T1/TVT1.5 Tributary Column Numbering T1# SPE1 Column SPE2 Column SPE3 Column SBI Column 1,1 7,35,63 19,103,187 2,1 7,35,63 20,104,188 3,1 7,35,63 21,105,189 1,2 8,36,64 22,106,190 |