công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PM5366-PI bảng dữ liệu(PDF) 232 Page - PMC-Sierra, Inc

tên linh kiện PM5366-PI
Giải thích chi tiết về linh kiện  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PMC [PMC-Sierra, Inc]
Trang chủ  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI bảng dữ liệu(HTML) 232 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 228Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 229Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 230Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 231Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 232Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 233Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 234Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 235Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 236Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
220
Figure 60
- SBI DROP Bus DS3/E3 Functional Timing
C1
H3
H3
H3 DS-3 #1 DS-3 #2 DS-3 #3DS-3 #1
SREFCLK
SC1FP
SDDATA[7:0
]
SDPL
SDV5
SDDP
•••
•••
•••
•••
•••
•••
Figure 60 shows three DS-3 tributaries mapped onto the SBI bus. A negative
justification is shown for DS-3 #2 during the H3 octet with SDPL asserted high. A
positive justification is shown for DS-3#1 during the first DS-3#1 octet after H3
which has SDPL asserted low. E3 is transported by the same mechanism.
13.7 SBI ADD Bus Interface Timing
The SBI ADD bus functional timing for the transfer of tributaries whether T1/E1 or
DS3 is the same as for the SBI DROP bus. The only difference is that the SBI
ADD bus has one additional signal: the SAJUST_REQ output. The
SAJUST_REQ signal is used to by the TEMAP-84 in SBI master timing mode to
provide transmit timing to SBI link layer devices.
Figure 61
- SBI ADD Bus Justification Request Functional Timing
C1
H3
H3
H3
DS-3 #1 DS-3 #2 DS-3 #3DS-3 #1
SREFCLK
SC1FP
SADATA[7:0]
SAPL
SAV5
SADP
SAJUST_REQ
•••
•••
•••
•••
•••
•••
•••



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More