| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM5366-PI bảng dữ liệu(PDF) 214 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM5366-PI bảng dữ liệu(HTML) 214 Page - PMC-Sierra, Inc |
|
214 / 267 page ![]() PRELIMINARY PM5366 TEMAP-84 DATASHEET PMC-2010672 ISSUE 1 HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER PROPRIETARY AND CONFIDENTIAL 202 Figure 30 - Output Cell (OUT_CELL) EXTEST D C D C G1 G2 12 MUX G1 1 1 MUX Output or Enable from system logic Scan Chain In Scan Chain Out OUTPUT or Enable SHIFT-DR CLOCK-DR UPDATE-DR 12 12 12 IDOODE I.D. code bit Figure 31 - Bidirectional Cell (IO_CELL) D C D C G1 1 1 MUX OUTPUT from internal logic Scan Chain In Scan Chain Out EXTEST OUTPUT to pin SHIFT-DR CLOCK-DR UPDATE-DR INPUT from pin INPUT to internal logic G1 1 2 MUX 1 2 1 2 1 2 G2 IDCODE I.D. code bit |