công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8804 bảng dữ liệu(PDF) 17 Page - Wolfson Microelectronics plc

tên linh kiện WM8804
Giải thích chi tiết về linh kiện  1:1 Digital Interface Transceiver with PLL
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8804 bảng dữ liệu(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM8804 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 66 page
background image
Production Data
WM8804
w
PD Rev 4.1 September 2007
17
Multiple consecutive register writes can be performed in 2-wire control mode by setting the CONT bit
high. This method allows the entire register map to be defined in a one continuous write operation.
Figure 12 2-Wire Serial Control Interface Multi-Write
The WM8804 has two possible device addresses, which can be selected using the CSB pin during
hardware reset.
CSB STATE
DEVICE ADDRESS IN
2-WIRE MODE
ADDRESS (X=R/W BIT)
X=0
X= 1
Low
0111010x
0x7A
0x75
High
0111011x
0x76
0x77
Table 11 2-Wire Interface Address Selection
2-WIRE SERIAL CONTROL MODE -REGISTER READ-BACK
The WM8804 allows read-back of certain registers in 2-wire mode. The protocol is similar to that
used to write to the device. The controller will issue the device address followed by a write bit, the
register index will then be passed to the WM8804. At this point the controller will issue a repeated
start condition and resend the device address along with a read bit. The WM8804 will acknowledge
this and the WM8804 will become a slave transmitter. The WM8804 will transmit the data from the
indexed register on SDIN MSB first. When the controller receives the data it will not acknowledge
receipt of the data indicating that it will resume master transmitter control of SDIN. The controller will
then issue a stop command completing the read cycle. Figure 13 illustrates the read protocol.
Figure 13 2-Wire Serial Control Interface Read (CONT=0)
2-WIRE SERIAL CONTROL MODE – CONTINUOUS READ-BACK
As in 3-wire mode, there are two methods of reading back data: continuous and non-continuous
read-back. Continuous read-back is selected by setting CONT to 1. In continuous read-back mode,
the device will return the indexed register first followed by consecutive registers in increasing index
order until the controller does not acknowledge the data then issues a stop sequence. This is shown
in Figure 14
Figure 14 2-Wire Serial Interface Continuous Read-Back (CONT=1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com