công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CDB4360 bảng dữ liệu(PDF) 34 Page - Cirrus Logic

tên linh kiện CDB4360
Giải thích chi tiết về linh kiện  24-Bit, 192 kHz 6 Channel D/A Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4360 bảng dữ liệu(HTML) 34 Page - Cirrus Logic

Back Button CDB4360 Datasheet HTML 29Page - Cirrus Logic CDB4360 Datasheet HTML 30Page - Cirrus Logic CDB4360 Datasheet HTML 31Page - Cirrus Logic CDB4360 Datasheet HTML 32Page - Cirrus Logic CDB4360 Datasheet HTML 33Page - Cirrus Logic CDB4360 Datasheet HTML 34Page - Cirrus Logic CDB4360 Datasheet HTML 35Page - Cirrus Logic CDB4360 Datasheet HTML 36Page - Cirrus Logic CDB4360 Datasheet HTML 37Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
CS4360
34
DS517F2
Zero Cross
Zero Cross Enable dictates that signal level changes, either by attenuation changes or muting, will
occur on a signal zero crossing to minimize audible artifacts. The requested level change will occur
after a timeout period between 512 and 1024 sample periods (10.7 ms to 21.3 ms at 48 kHz sample
rate) if the signal does not encounter a zero crossing. The zero cross function is independently mon-
itored and implemented for each channel.
Soft Ramp
Soft Ramp allows level changes, both muting and attenuation, to be implemented by incrementally
ramping, in 1/8 dB steps, from the current level to the new level at a rate of 1 dB per 8 left/right clock
periods.
Soft Ramp and Zero Cross
Soft Ramp and Zero Cross dictates that signal level changes, either by attenuation changes or mut-
ing, will occur in 1/8 dB steps and will be implemented on successive signal zero crossings. The
1/8 dB level changes will occur after timeout periods between 512 and 1024 sample periods (10.7 ms
to 21.3 ms at 48 kHz sample rate) if the signal does not encounter zero crossings. The zero cross
function is independently monitored and implemented for each channel.
6.5.2
CONTROL PORT ENABLE (CPEN) BIT 5
Default = 0
0 - Disabled
1 - Enabled
Function:
The Control Port will become active and reset to the default settings when this function is enabled.
6.5.3
POWER DOWN (PDN) BIT 4
Default = 1
0 - Disabled
1 - Enabled
Function:
The entire device will enter a low-power state when this function is enabled, but the contents of the
control registers will be retained in this mode. The power-down bit defaults to ‘enabled’ on power-up
and must be disabled before normal operation in Control Port mode can occur.
6.5.4
POPGUARD® TRANSIENT CONTROL (POPG) BIT 3
Default = 1
0 - Disabled
1 - Enabled
Function:
The PopGuard® Transient Control allows the quiescent voltage to slowly ramp to and from 0 volts to
the quiescent voltage during power-on or power-off when this function is enabled. Please see section
4.6 for implementation details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com