công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CDB4360 bảng dữ liệu(PDF) 25 Page - Cirrus Logic

tên linh kiện CDB4360
Giải thích chi tiết về linh kiện  24-Bit, 192 kHz 6 Channel D/A Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4360 bảng dữ liệu(HTML) 25 Page - Cirrus Logic

Back Button CDB4360 Datasheet HTML 21Page - Cirrus Logic CDB4360 Datasheet HTML 22Page - Cirrus Logic CDB4360 Datasheet HTML 23Page - Cirrus Logic CDB4360 Datasheet HTML 24Page - Cirrus Logic CDB4360 Datasheet HTML 25Page - Cirrus Logic CDB4360 Datasheet HTML 26Page - Cirrus Logic CDB4360 Datasheet HTML 27Page - Cirrus Logic CDB4360 Datasheet HTML 28Page - Cirrus Logic CDB4360 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
CS4360
DS517F2
25
4.6.3
Discharge Time
To prevent an audio transient at the next power-on, the DC-blocking capacitors must fully discharge be-
fore turning on the power or exiting the power-down state. If full discharge does not occur, a transient will
occur when the audio outputs are initially clamped to GND. The time that the device must remain in the
power-down state is related to the value of the DC-blocking capacitance and the output load. For example,
with a 3.3 µF capacitor, the minimum power-down time will be approximately 0.4 seconds.
4.7
Mute Control
The Mute Control pins go high during power-up initialization, reset, muting (see section 6.1.1 and 6.4.1),
or if the MCLK to LRCK ratio is incorrect. These pins are intended to be used as control for external mute
circuits to prevent the clicks and pops that can occur in any single-ended single supply system.
Use of the Mute Control function is not mandatory but recommended for designs requiring the absolute
minimum in extraneous clicks and pops. Also, use of the Mute Control function can enable the system
designer to achieve idle channel noise/signal-to-noise ratios which are only limited by the external mute
circuit. Please see the CDB4360 data sheet for a suggested mute circuit.
4.8
Grounding and Power Supply Arrangements
As with any high-resolution converter, the CS4360 requires careful attention to power supply and ground-
ing arrangements if its potential performance is to be realized. Figure 1 shows the recommended power
arrangements, with VA, VD, VLS and VLC connected to clean supplies. If the ground planes are split be-
tween digital ground and analog ground, the GND pins of the CS4360 should be connected to the analog
ground plane.
All signals, especially clocks, should be kept away from the FILT+ and VQ pins in order to avoid unwanted
coupling into the modulators. The CDB4360 evaluation board demonstrates the optimum layout and pow-
er supply arrangements.
4.8.1
Capacitor Placement
Decoupling capacitors should be placed as close to the DAC as possible, with the low-value ceramic ca-
pacitor being the closest. To further minimize impedance, these capacitors should be located on the same
layer as the DAC. If desired, all supply pins may be connected to the same supply, but a decoupling ca-
pacitor should still be placed on each supply pin and referenced to analog ground.
4.8.2
Power Supply Sections
Each power supply pin provides power to specific sections of the CS4360. The logic voltage level for each
section must adhere to the corresponding power supply voltage setting. For example: If VLC = 1.8 V; VLS
= 3.3 V; VD = VA = 5 V; then the logic level for all mode configuration inputs must equal 1.8 V.
4.9
Control Port Interface
The control port is used to load all the internal register settings (see section 6). The operation of the control
port may be completely asynchronous with the audio sample rate. However, to avoid potential interfer-
ence problems, the control port pins should remain static if no operation is required.
The control port operates in one of two modes: I²C or SPI.
Notes: MCLK must be applied during all I²C communication.
Pin #s
Description
Power Supply Reference
2, 3, 4, 5, 6, 7
Serial Audio Interface Inputs
VLS
10, 11, 12, 13, 15
Mode Configuration Inputs
VLC
Table 7. Power Supply Control Sections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com