| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F44J10-E/SP bảng dữ liệu(PDF) 154 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F44J10-E/SP bảng dữ liệu(HTML) 154 Page - Microchip Technology |
|
154 / 358 page ![]() PIC18F45J10 FAMILY DS39682C-page 152 Preliminary © 2007 Microchip Technology Inc. FIGURE 15-5: SPI™ MODE WAVEFORM (SLAVE MODE WITH CKE = 0) FIGURE 15-6: SPI™ MODE WAVEFORM (SLAVE MODE WITH CKE = 1) SCKx (CKP = 1 SCKx (CKP = 0 Input Sample SDIx bit 7 SDOx bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 SSPxIF Interrupt (SMP = 0) CKE = 0) CKE = 0) (SMP = 0) Write to SSPxBUF SSPxSR to SSPxBUF SSx Flag Optional Next Q4 Cycle after Q2 ↓ bit 0 SCKx (CKP = 1 SCKx (CKP = 0 Input Sample SDIx bit 7 bit 0 SDOx bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 SSPxIF Interrupt (SMP = 0) CKE = 1) CKE = 1) (SMP = 0) Write to SSPxBUF SSPxSR to SSPxBUF SSx Flag Not Optional Next Q4 Cycle after Q2 ↓ |