| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F44J10-E/SP bảng dữ liệu(PDF) 121 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F44J10-E/SP bảng dữ liệu(HTML) 121 Page - Microchip Technology |
|
121 / 358 page ![]() © 2007 Microchip Technology Inc. Preliminary DS39682C-page 119 PIC18F45J10 FAMILY EXAMPLE 11-1: IMPLEMENTING A REAL-TIME CLOCK USING A TIMER1 INTERRUPT SERVICE TABLE 11-2: REGISTERS ASSOCIATED WITH TIMER1 AS A TIMER/COUNTER RTCinit MOVLW 80h ; Preload TMR1 register pair MOVWF TMR1H ; for 1 second overflow CLRF TMR1L MOVLW b’00001111’ ; Configure for external clock, MOVWF T1CON ; Asynchronous operation, external oscillator CLRF secs ; Initialize timekeeping registers CLRF mins ; MOVLW .12 MOVWF hours BSF PIE1, TMR1IE ; Enable Timer1 interrupt RETURN RTCisr BSF TMR1H, 7 ; Preload for 1 sec overflow BCF PIR1, TMR1IF ; Clear interrupt flag INCF secs, F ; Increment seconds MOVLW .59 ; 60 seconds elapsed? CPFSGT secs RETURN ; No, done CLRF secs ; Clear seconds INCF mins, F ; Increment minutes MOVLW .59 ; 60 minutes elapsed? CPFSGT mins RETURN ; No, done CLRF mins ; clear minutes INCF hours, F ; Increment hours MOVLW .23 ; 24 hours elapsed? CPFSGT hours RETURN ; No, done CLRF hours ; Reset hours RETURN ; Done Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset Values on page INTCON GIE/GIEH PEIE/GIEL TMR0IE INT0IE RBIE TMR0IF INT0IF RBIF 43 PIR1 PSPIF(1) ADIF RCIF TXIF SSP1IF CCP1IF TMR2IF TMR1IF 45 PIE1 PSPIE(1) ADIE RCIE TXIE SSP1IE CCP1IE TMR2IE TMR1IE 45 IPR1 PSPIP(1) ADIP RCIP TXIP SSP1IP CCP1IP TMR2IP TMR1IP 45 TMR1L Timer1 Register Low Byte 44 TMR1H Timer1 Register High Byte 44 T1CON RD16 T1RUN T1CKPS1 T1CKPS0 T1OSCEN T1SYNC TMR1CS TMR1ON 44 Legend: Shaded cells are not used by the Timer1 module. Note 1: These bits are not implemented on 28-pin devices and should be read as ‘0’. |