công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18F4331 bảng dữ liệu(PDF) 161 Page - Microchip Technology

tên linh kiện PIC18F4331
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 bảng dữ liệu(HTML) 161 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 157Page - Microchip Technology PIC18F4331 Datasheet HTML 158Page - Microchip Technology PIC18F4331 Datasheet HTML 159Page - Microchip Technology PIC18F4331 Datasheet HTML 160Page - Microchip Technology PIC18F4331 Datasheet HTML 161Page - Microchip Technology PIC18F4331 Datasheet HTML 162Page - Microchip Technology PIC18F4331 Datasheet HTML 163Page - Microchip Technology PIC18F4331 Datasheet HTML 164Page - Microchip Technology PIC18F4331 Datasheet HTML 165Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 400 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39616C-page 159
PIC18F2331/2431/4331/4431
16.0 MOTION FEEDBACK MODULE
The Motion Feedback Module (MFM) is a special
purpose peripheral designed for motion feedback
applications. Together with the Power Control PWM
(PCPWM) module (see Section 17.0 “Power Control
PWM Module”), it provides a variety of control
solutions for a wide range of electric motors.
The module actually consists of two hardware
submodules:
• Input Capture (IC)
• Quadrature Encoder Interface (QEI)
Together with Timer5 (see Section 14.0 “Timer5
Module”), these modules provide a number of
options for motion and control applications.
Many of the features for the IC and QEI submodules
are fully programmable, creating a flexible peripheral
structure that can accommodate a wide range of
in-system uses. An overview of the available features
is presented in Table 16-1. A simplified block diagram
of the entire Motion Feedback Module is shown in
Figure 16-1.
TABLE 16-1:
SUMMARY OF MOTION FEEDBACK MODULE FEATURES
Note:
Because the same input pins are common
to the IC and QEI submodules, only one of
these two submodules may be used at any
given time. If both modules are on, the QEI
submodule will take precedence.
Submodule
Mode(s)
Features
Timer
Function
IC (3x)
• Synchronous
• Input Capture
• Flexible Input Capture modes
• Available Prescaler
• Selectable Time Base Reset
• Special Event Trigger for ADC
Sampling/Conversion or optional
TMR5 Reset feature (CAP1 only)
• Wake-up from Sleep function
• Selectable Interrupt Frequency
• Optional Noise Filter
TMR5
• 3x Input Capture (edge
capture, pulse-width, period
measurement, capture on
change)
• Special Event Triggers the
A/D Conversion on the CAP1
Input
QEI
QEI
• Detect Position
• Detect Direction of Rotation
• Large Bandwidth (FCY/16)
• Optional Noise Filter
16-Bit
Position
Counter
• Position Measurement
• Direction of Rotation Status
Velocity
Measurement
• 2x and 4x Update modes
• Velocity Event Postscaler
• Counter Overflow Flag for Low
Rotation Speed
• Utilizes Input Capture 1 Logic
(IC1)
• High and Low Velocity Support
TMR5
• Precise Velocity Measurement
• Direction of Rotation Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com