công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18F4331 bảng dữ liệu(PDF) 105 Page - Microchip Technology

tên linh kiện PIC18F4331
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 bảng dữ liệu(HTML) 105 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 101Page - Microchip Technology PIC18F4331 Datasheet HTML 102Page - Microchip Technology PIC18F4331 Datasheet HTML 103Page - Microchip Technology PIC18F4331 Datasheet HTML 104Page - Microchip Technology PIC18F4331 Datasheet HTML 105Page - Microchip Technology PIC18F4331 Datasheet HTML 106Page - Microchip Technology PIC18F4331 Datasheet HTML 107Page - Microchip Technology PIC18F4331 Datasheet HTML 108Page - Microchip Technology PIC18F4331 Datasheet HTML 109Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 400 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39616C-page 103
PIC18F2331/2431/4331/4431
REGISTER 9-9:
PIE3: PERIPHERAL INTERRUPT ENABLE REGISTER 3
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
—
PTIE
IC3DRIE
IC2QEIE
IC1IE
TMR5IE
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-5
Unimplemented: Read as ‘0’
bit 4
PTIE: PWM Time Base Interrupt Enable bit
1 = PTIF enabled
0 = PTIF disabled
bit 3
IC3DRIE: IC3 Interrupt Enable/Direction Change Interrupt Enable bit
IC3 Enabled (CAP3CON<3:0>):
1 = IC3 interrupt enabled
0 = IC3 interrupt disabled
QEI Enabled (QEIM<2:0>):
1 = Change of direction interrupt enabled
0 = Change of direction interrupt disabled
bit 2
IC2QEIE: IC2 Interrupt Flag/QEI Interrupt Flag Enable bit
IC2 Enabled (CAP2CON<3:0>):
1 = IC2 interrupt enabled)
0 = IC2 interrupt disabled
QEI Enabled (QEIM<2:0>):
1 = QEI interrupt enabled
0 = QEI interrupt disabled
bit 1
IC1IE: IC1 Interrupt Enable bit
1 = IC1 interrupt enabled
0 = IC1 interrupt disabled
bit 0
TMR5IE: Timer5 Interrupt Enable bit
1 = Timer5 interrupt enabled
0 = Timer5 interrupt disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com