công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC17C752 bảng dữ liệu(PDF) 20 Page - Microchip Technology

tên linh kiện PIC17C752
Giải thích chi tiết về linh kiện  High-Performance 8-bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752 bảng dữ liệu(HTML) 20 Page - Microchip Technology

Back Button PIC17C752 Datasheet HTML 16Page - Microchip Technology PIC17C752 Datasheet HTML 17Page - Microchip Technology PIC17C752 Datasheet HTML 18Page - Microchip Technology PIC17C752 Datasheet HTML 19Page - Microchip Technology PIC17C752 Datasheet HTML 20Page - Microchip Technology PIC17C752 Datasheet HTML 21Page - Microchip Technology PIC17C752 Datasheet HTML 22Page - Microchip Technology PIC17C752 Datasheet HTML 23Page - Microchip Technology PIC17C752 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 304 page
background image
PIC17C7XX
DS30289B-page 20
 2000 Microchip Technology Inc.
4.1.6
RC OSCILLATOR
For timing insensitive applications, the RC device
option offers additional cost savings. RC oscillator fre-
quency is a function of the supply voltage, the resistor
(REXT) and capacitor (CEXT) values, and the operating
temperature. In addition to this, oscillator frequency will
vary from unit to unit due to normal process parameter
variation. Furthermore, the difference in lead frame
capacitance between package types will also affect
oscillation frequency, especially for low CEXT values.
The user also needs to take into account variation due
to tolerance of external R and C components used.
Figure 4-7 shows how the R/C combination is con-
nected to the PIC17CXXX. For REXT values below
2.2 k
Ω, the oscillator operation may become unstable,
or stop completely. For very high REXT values (e.g.
1M
Ω), the oscillator becomes sensitive to noise,
humidity and leakage. Thus, we recommend to keep
REXT between 3 k
Ω and 100 kΩ.
Although the oscillator will operate with no external
capacitor (CEXT = 0 pF), we recommend using values
above 20 pF for noise and stability reasons. With little
or no external capacitance, oscillation frequency can
vary dramatically due to changes in external capaci-
tances, such as PCB trace capacitance or package
lead frame capacitance.
See Section 21.0 for RC frequency variation from part
to part due to normal process variation. The variation is
larger for larger R (since leakage current variation will
affect RC frequency more for large R) and for smaller
C (since variation of input capacitance will affect RC
frequency more).
See Section 21.0 for variation of oscillator frequency
due to VDD for given REXT/CEXT values, as well as fre-
quency variation due to operating temperature for
given R, C, and VDD values.
The oscillator frequency, divided by 4, is available on
the OSC2/CLKOUT pin and can be used for test pur-
poses or to synchronize other logic (see Figure 4-8 for
waveform).
FIGURE 4-7:
RC OSCILLATOR MODE
4.1.6.1
RC Start-up
As the device voltage increases, the RC will immedi-
ately start its oscillations once the pin voltage levels
meet the input threshold specifications (parameter
#D032 and parameter #D042 in the electrical specifica-
tion section). The time required for the RC to start oscil-
lating depends on many factors. These include:
• Resistor value used
• Capacitor value used
• Device VDD rise time
• System temperature
VDD
REXT
CEXT
VSS
OSC1
Internal
Clock
OSC2/CLKOUT
FOSC/4
PIC17CXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com