công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC17C752 bảng dữ liệu(PDF) 72 Page - Microchip Technology

tên linh kiện PIC17C752
Giải thích chi tiết về linh kiện  High-Performance 8-bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752 bảng dữ liệu(HTML) 72 Page - Microchip Technology

Back Button PIC17C752 Datasheet HTML 68Page - Microchip Technology PIC17C752 Datasheet HTML 69Page - Microchip Technology PIC17C752 Datasheet HTML 70Page - Microchip Technology PIC17C752 Datasheet HTML 71Page - Microchip Technology PIC17C752 Datasheet HTML 72Page - Microchip Technology PIC17C752 Datasheet HTML 73Page - Microchip Technology PIC17C752 Datasheet HTML 74Page - Microchip Technology PIC17C752 Datasheet HTML 75Page - Microchip Technology PIC17C752 Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 304 page
background image
PIC17C7XX
DS30289B-page 72
 2000 Microchip Technology Inc.
10.1
PORTA Register
PORTA is a 6-bit wide latch. PORTA does not have a
corresponding Data Direction Register (DDR). Upon a
device RESET, the PORTA pins are forced to be hi-
impedance inputs. For the RA4 and RA5 pins, the
peripheral module controls the output. When a device
RESET occurs, the peripheral module is disabled, so
these pins are forced to be hi-impedance inputs.
Reading PORTA reads the status of the pins.
The RA0 pin is multiplexed with the external interrupt,
INT. The RA1 pin is multiplexed with TMR0 clock input,
RA2 and RA3 are multiplexed with the SSP functions,
and RA4 and RA5 are multiplexed with the USART1
functions. The control of RA2, RA3, RA4 and RA5 as
outputs, is automatically configured by their multi-
plexed peripheral module when the module is enabled.
10.1.1
USING RA2, RA3 AS OUTPUTS
The RA2 and RA3 pins are open drain outputs. To use
the RA2 and/or the RA3 pin(s) as output(s), simply
write to the PORTA register the desired value. A ’0’ will
cause the pin to drive low, while a ’1’ will cause the pin
to float (hi-impedance). An external pull-up resistor
should be used to pull the pin high. Writes to the RA2
and RA3 pins will not affect the other PORTA pins.
Example 10-1 shows an instruction sequence to initial-
ize PORTA. The Bank Select Register (BSR) must be
selected to Bank 0 for the port to be initialized. The fol-
lowing example uses the MOVLB instruction to load the
BSR register for bank selection.
EXAMPLE 10-1:
INITIALIZING PORTA
FIGURE 10-1:
RA0 AND RA1 BLOCK
DIAGRAM
FIGURE 10-2:
RA2 BLOCK DIAGRAM
Note:
When using the RA2 or RA3 pin(s) as out-
put(s), read-modify-write instructions (such
as BCF, BSF, BTG) on PORTA are not
recommended.
Such operations read the port pins, do the
desired operation, and then write this value
to the data latch. This may inadvertently
cause the RA2 or RA3 pins to switch from
input to output (or vice-versa).
To avoid this possibility, use a shadow reg-
ister for PORTA. Do the bit operations on
this shadow register and then move it to
PORTA.
MOVLB
0
; Select Bank 0
MOVLW
0xF3
;
MOVWF
PORTA
; Initialize PORTA
;
RA<3:2> are output low
;
RA<5:4> and RA<1:0>
;
are inputs
;
(outputs floating)
Note: Input pins have protection diodes to VDD and VSS.
Data Bus
RD_PORTA
(Q2)
Note: I/O pin has protection diodes to VSS.
Data Bus
WR_PORTA
(Q4)
QD
Q
CK
RD_PORTA
(Q2)
Q
D
EN
Peripheral Data In
1
0
I2C Mode Enable
SCL Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com