công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC17C752 bảng dữ liệu(PDF) 52 Page - Microchip Technology

tên linh kiện PIC17C752
Giải thích chi tiết về linh kiện  High-Performance 8-bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752 bảng dữ liệu(HTML) 52 Page - Microchip Technology

Back Button PIC17C752 Datasheet HTML 48Page - Microchip Technology PIC17C752 Datasheet HTML 49Page - Microchip Technology PIC17C752 Datasheet HTML 50Page - Microchip Technology PIC17C752 Datasheet HTML 51Page - Microchip Technology PIC17C752 Datasheet HTML 52Page - Microchip Technology PIC17C752 Datasheet HTML 53Page - Microchip Technology PIC17C752 Datasheet HTML 54Page - Microchip Technology PIC17C752 Datasheet HTML 55Page - Microchip Technology PIC17C752 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 304 page
background image
PIC17C7XX
DS30289B-page 52
 2000 Microchip Technology Inc.
7.2.2.2
CPU Status Register (CPUSTA)
The CPUSTA register contains the status and control
bits for the CPU. This register has a bit that is used to
globally enable/disable interrupts. If only a specific
interrupt is desired to be enabled/disabled, please refer
to the Interrupt Status (INTSTA) register and the
Peripheral Interrupt Enable (PIE) registers. The
CPUSTA register also indicates if the stack is available
and contains the Power-down (PD) and Time-out (TO)
bits. The TO, PD, and STKAV bits are not writable.
These bits are set and cleared according to device
logic. Therefore, the result of an instruction with the
CPUSTA register as destination may be different than
intended.
The POR bit allows the differentiation between a
Power-on Reset, external MCLR Reset, or a WDT
Reset. The BOR bit indicates if a Brown-out Reset
occurred.
REGISTER 7-2:
CPUSTA REGISTER (ADDRESS: 06h, UNBANKED)
Note 1: The BOR status bit is a don’t care and is
not necessarily predictable if the Brown-out
circuit is disabled (when the BODEN bit in
the Configuration word is programmed).
U-0
U-0
R-1
R/W-1
R-1
R-1
R/W-0
R/W-1
—
—
STKAV
GLINTD
TO
PD
POR
BOR
bit 7
bit 0
bit 7-6
Unimplemented: Read as '0'
bit 5
STKAV: Stack Available bit
This bit indicates that the 4-bit stack pointer value is Fh, or has rolled over from Fh
→ 0h
(stack overflow).
1
= Stack is available
0
= Stack is full, or a stack overflow may have occurred (once this bit has been cleared by a
stack overflow, only a device RESET will set this bit)
bit 4
GLINTD: Global Interrupt Disable bit
This bit disables all interrupts. When enabling interrupts, only the sources with their enable bits
set can cause an interrupt.
1
= Disable all interrupts
0
= Enables all unmasked interrupts
bit 3
TO: WDT Time-out Status bit
1
= After power-up, by a CLRWDT instruction, or by a SLEEP instruction
0
= A Watchdog Timer time-out occurred
bit 2
PD: Power-down Status bit
1
= After power-up or by the CLRWDT instruction
0
= By execution of the SLEEP instruction
bit 1
POR: Power-on Reset Status bit
1
= No Power-on Reset occurred
0
= A Power-on Reset occurred (must be set by software)
bit 0
BOR: Brown-out Reset Status bit
When BODEN Configuration bit is set (enabled):
1
= No Brown-out Reset occurred
0
= A Brown-out Reset occurred (must be set by software)
When BODEN Configuration bit is clear (disabled):
Don’t care
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR Reset
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com