| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M68HC08 bảng dữ liệu(PDF) 83 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
M68HC08 bảng dữ liệu(HTML) 83 Page - Freescale Semiconductor, Inc |
|
83 / 288 page ![]() Central Processor Unit (CPU) MC68HC908BD48 — Rev. 2.1 Data Sheet Freescale Semiconductor Central Processor Unit (CPU) 83 SUB #opr SUB opr SUB opr SUB opr,X SUB opr,X SUB ,X SUB opr,SP SUB opr,SP Subtract A ← (A) – (M) –– IMM DIR EXT IX2 IX1 IX SP1 SP2 A0 B0 C0 D0 E0 F0 9EE0 9ED0 ii dd hh ll ee ff ff ff ee ff 2 3 4 4 3 2 4 5 SWI Software Interrupt PC ← (PC) + 1; Push (PCL) SP ← (SP) – 1; Push (PCH) SP ← (SP) – 1; Push (X) SP ← (SP) – 1; Push (A) SP ← (SP) – 1; Push (CCR) SP ← (SP) – 1; I ← 1 PCH ← Interrupt Vector High Byte PCL ← Interrupt Vector Low Byte ––1 ––– INH 83 9 TAP Transfer A to CCR CCR ← (A) INH 84 2 TAX Transfer A to X X ← (A) ––– ––– INH 97 1 TPA Transfer CCR to A A ← (CCR) – – – – – – INH 85 1 TST opr TSTA TSTX TST opr,X TST ,X TST opr,SP Test for Negative or Zero (A) – $00 or (X) – $00 or (M) – $00 0 – – – DIR INH INH IX1 IX SP1 3D 4D 5D 6D 7D 9E6D dd ff ff 3 1 1 3 2 4 TSX Transfer SP to H:X H:X ← (SP) + 1 ––– ––– INH 95 2 TXA Transfer X to A A ← (X) ––– ––– INH 9F 1 TXS Transfer H:X to SP (SP) ← (H:X) – 1 ––– ––– INH 94 2 Table 6-1. Instruction Set Summary (Continued) Source Form Operation Description Effect on CCR VH I N Z C |