| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M68HC08 bảng dữ liệu(PDF) 80 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
M68HC08 bảng dữ liệu(HTML) 80 Page - Freescale Semiconductor, Inc |
|
80 / 288 page ![]() Central Processor Unit (CPU) Data Sheet MC68HC908BD48 — Rev. 2.1 80 Central Processor Unit (CPU) Freescale Semiconductor EOR #opr EOR opr EOR opr EOR opr,X EOR opr,X EOR ,X EOR opr,SP EOR opr,SP Exclusive OR M with A A ← (A ⊕ M) 0–– – IMM DIR EXT IX2 IX1 IX SP1 SP2 A8 B8 C8 D8 E8 F8 9EE8 9ED8 ii dd hh ll ee ff ff ff ee ff 2 3 4 4 3 2 4 5 INC opr INCA INCX INC opr,X INC ,X INC opr,SP Increment M ← (M) + 1 A ← (A) + 1 X ← (X) + 1 M ← (M) + 1 M ← (M) + 1 M ← (M) + 1 –– – DIR INH INH IX1 IX SP1 3C 4C 5C 6C 7C 9E6C dd ff ff 4 1 1 4 3 5 JMP opr JMP opr JMP opr,X JMP opr,X JMP ,X Jump PC ← Jump Address ––– ––– DIR EXT IX2 IX1 IX BC CC DC EC FC dd hh ll ee ff ff 2 3 4 3 2 JSR opr JSR opr JSR opr,X JSR opr,X JSR ,X Jump to Subroutine PC ← (PC) + n (n = 1, 2, or 3) Push (PCL); SP ← (SP) – 1 Push (PCH); SP ← (SP) – 1 PC ← Unconditional Address ––– ––– DIR EXT IX2 IX1 IX BD CD DD ED FD dd hh ll ee ff ff 4 5 6 5 4 LDA #opr LDA opr LDA opr LDA opr,X LDA opr,X LDA ,X LDA opr,SP LDA opr,SP Load A from M A ← (M) 0–– – IMM DIR EXT IX2 IX1 IX SP1 SP2 A6 B6 C6 D6 E6 F6 9EE6 9ED6 ii dd hh ll ee ff ff ff ee ff 2 3 4 4 3 2 4 5 LDHX #opr LDHX opr Load H:X from M H:X ← (M:M + 1) 0–– – IMM DIR 45 55 ii jj dd 3 4 LDX #opr LDX opr LDX opr LDX opr,X LDX opr,X LDX ,X LDX opr,SP LDX opr,SP Load X from M X ← (M) 0–– – IMM DIR EXT IX2 IX1 IX SP1 SP2 AE BE CE DE EE FE 9EEE 9EDE ii dd hh ll ee ff ff ff ee ff 2 3 4 4 3 2 4 5 LSL opr LSLA LSLX LSL opr,X LSL ,X LSL opr,SP Logical Shift Left (Same as ASL) –– DIR INH INH IX1 IX SP1 38 48 58 68 78 9E68 dd ff ff 4 1 1 4 3 5 Table 6-1. Instruction Set Summary (Continued) Source Form Operation Description Effect on CCR VH I N Z C C b0 b7 0 |