| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9914/PCBZ bảng dữ liệu(PDF) 8 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9914/PCBZ bảng dữ liệu(HTML) 8 Page - Analog Devices |
|
8 / 48 page ![]() Data Sheet AD9914 SPECIFICATIONS analog.com Rev. G | 8 of 48 Table 2. Parameter Min Typ Max Unit Test Conditions/Comments Amplitude 102 SYSCLK cycles OSK enabled Single Tone Mode or Profile Mode (Matched Latency Enabled) Frequency 318 SYSCLK cycles OSK disabled 342 SYSCLK cycles OSK enabled Phase 318 SYSCLK cycles OSK disabled 342 SYSCLK cycles OSK enabled Amplitude 342 SYSCLK cycles OSK enabled Modulation Mode with 32-Bit Parallel Port (Matched Latency Disabled) Frequency 318 SYSCLK cycles OSK disabled 342 SYSCLK cycles OSK enabled Phase 294 SYSCLK cycles OSK disabled 318 SYSCLK cycles OSK enabled Amplitude 102 SYSCLK cycles OSK enabled Modulation Mode with 32-Bit Parallel Port (Matched Latency Enabled) Frequency 318 SYSCLK cycles OSK disabled 342 SYSCLK cycles OSK enabled Phase 318 SYSCLK cycles OSK disabled 342 SYSCLK cycles OSK enabled Amplitude 342 SYSCLK cycles OSK enabled Sweep Mode (Match Latency Disabled) Frequency 342 SYSCLK cycles OSK disabled 366 SYSCLK cycles OSK enabled Phase 318 SYSCLK cycles OSK disabled 342 SYSCLK cycles OSK enabled Amplitude 126 SYSCLK cycles OSK enabled Sweep Mode (Match Latency Enabled) Frequency 342 SYSCLK cycles OSK disabled 366 SYSCLK cycles OSK enabled Phase 342 SYSCLK cycles OSK disabled 366 SYSCLK cycles OSK enabled Amplitude 366 SYSCLK cycles OSK enabled |