công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PI6C484321 bảng dữ liệu(PDF) 3 Page - Pericom Semiconductor Corporation

tên linh kiện PI6C484321
Giải thích chi tiết về linh kiện  260MHz Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PERICOM [Pericom Semiconductor Corporation]
Trang chủ  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C484321 bảng dữ liệu(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C484321 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C484321 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C484321 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C484321 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C484321 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C484321 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C484321 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C484321 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C484321 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
PS8765A
08/01/05
PI6C484321
260MHz Crystal-to-3.3V Differential
LVPECL Frequency Synthesizer
Pin Description
Number
Name
Type
Description
1
M5
Input
Pullup
M divider input. Data latched on LOW-to-HIGH transition of nP_
LOAD input. LVCMOS / LVTTL interface levels
2, 3, 4, 28,
29, 30, 31,
32
M6, M7, M8,
M0, M1, M2,
M3, M4
Input
Pulldown
5, 6
N0, N1
Input
Pulldown
Determines N output divider value as defined in Table 3C Function
table. LVCMOS / LVTTL interface levels
7
nc
unused
No connect
8, 16
VEE
Power
Negative supply pins
9
TEST
Output
Test output. ACTIVE in the serial mode of operation. Output driven
LOW in parallel mode. LVCMOS interface levels
10
VCC
Power
Positive supply pin
11, 12
FOUT1,
nFOUT2
Output
Differential output for the synthesizer. LVPECL interface levels
13
VCCO
Power
Output supply pin
14, 15
FOUT0,
nFOUT0
Output
Differential output for the synthesizer. LVPECL interface levels
17
MR
Input
Pulldown
Active High Master reset. When logic HIGH, the internal dividers are
reset causing the true outputs FOUTx to go low and the inverted out-
puts nFOUTx to go high. When logic LOW, the internal dividers and
the outputs are enabled. Assertion of MR does not affect loaded M, N,
and T values. LVCMOS / LVTTL interface levels.
18
S_CLOCK
Input
Pulldown
Clocks in serial data present at S_DATA input into the shift register on
the rising edge of S_CLOCK. LVCMOS / LVTTL interface levels.
19
S_DATA
Input
Pulldown
Shirft register serial input. Data sampled on the rising edge of
S_CLOCK. LVCMOS / LVTTL interface levels.
20
S_LOAD
Input
Pulldown
Control transition of data from shift register into the dividers.
LVCMOS / LVTTL interface levels
21
VCCA
Power
Analog supply pin
22
XTAL_SEL
Input
Pullup
Selects between crystals or test inputs as the PLL reference source.
Selects XTAL inputs when HIGH. Selects TEST_CLK when LOW.
LVCMOS / LVTTL interface levels.
23
TEST_CLK
Input
Pulldown
Test clock input. LVCMOS / LVTTL interface levels
24, 25
XTAL1, XTAL2
Input
Crystal oscillator inputs
26
nP_LOAD
Input
Pulldown
Parallel load input to determine when data present at M8:M0 is loaded
into M divider, and when data is present at N1:N0 sets the N output
divider value. LVCMOS / LVTTL interface levels.
27
VCO_SEL
Input
Pullup
Controls the clock synthesizer to be in PLL or bypass mode.
LVCMOS /LVTTL interface levels
Notes
1.
Pullup and Pulldown refer to internal input resistors. See Pin characterstics Table for typical values.



Html Pages

1 2 3 4 5 6 7 8 9