công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PI6C484321 bảng dữ liệu(PDF) 7 Page - Pericom Semiconductor Corporation

tên linh kiện PI6C484321
Giải thích chi tiết về linh kiện  260MHz Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PERICOM [Pericom Semiconductor Corporation]
Trang chủ  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C484321 bảng dữ liệu(HTML) 7 Page - Pericom Semiconductor Corporation

  PI6C484321 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C484321 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C484321 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C484321 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C484321 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C484321 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C484321 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C484321 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C484321 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
PS8765A
08/01/05
PI6C484321
260MHz Crystal-to-3.3V Differential
LVPECL Frequency Synthesizer
AC Characteristics, VCC = VCCA = VCCO = 3.3V ±5%, TA = 0°C to 70°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
FOUT
Output frequency
103.3
260
MHz
tjit(per)
Period jitter, RMS(1, 3)
3
5
ps
tsk(o)
Output skew(2, 3)
15
ps
tR
Output rise time
20% to 80%
200
700
ps
tF
Output fall time
20% to 80%
200
700
tS
Setup time
Mx, Nx to nP_LOAD
5
ns
S_DATA to S_CLOCK
5
S_CLOCK to S_LOAD
5
tH
Hold time
Mx, Nx to nP_LOAD
5
S_DATA to S_CLOCK
5
S_CLOCK to S_LOAD
5
odc
45
55
%
tLOCK
PLL lock time
1
ms
Notes:
1.
Jitter performance using XTAL inputs.
2.
Defined as skew between outputs with the same supply voltage and with equal load conditions. Measured at the output
differential cross points.
3.
This parameter is defined in accordance with JEDEC standard 65
Input Frequency Characteristics, VCC = VCCA = VCCO = 3.3V±5%, TA 0°C to 70°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
fIN
Input Frequency
TEST_CLK (1)
14
40
MHz
XTAL, XTAL2(1)
14
40
S_CLOCK
50
Notes
1.
For the input crystal and TEST_CLK frequency range, the M value must be set for the VCO to operate with in the 200MHz to 700MHz
range. Using minimum input frequency of 12MHz, valid values of M are 17 ≤ M ≤ 58. Using the maximun frequency of 25MHz, valid
values of M are 8 ≤ M ≤ 28.
Crystal Characteristics
Parameter
Test Condition
Min.
Typ.
Max.
Units
Mode of Oscillation
Fundamental
Frequency
14
40
MHz
Equivalent Series resistance (ESR)
50
Ω
Shunt Capacitance
7
pF



Html Pages

1 2 3 4 5 6 7 8 9