công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PI6C484321 bảng dữ liệu(PDF) 6 Page - Pericom Semiconductor Corporation

tên linh kiện PI6C484321
Giải thích chi tiết về linh kiện  260MHz Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PERICOM [Pericom Semiconductor Corporation]
Trang chủ  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C484321 bảng dữ liệu(HTML) 6 Page - Pericom Semiconductor Corporation

  PI6C484321 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C484321 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C484321 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C484321 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C484321 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C484321 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C484321 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C484321 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C484321 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
PS8765A
08/01/05
PI6C484321
260MHz Crystal-to-3.3V Differential
LVPECL Frequency Synthesizer
LVPECL DC Characteristics, VCC = VCCA = VCCO = 3.3V ±5%, TA = 0°C to 70°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
VOH
Output high voltage(1)
VCCO - 1.4
VCCO -1.0
V
VOL
Output low voltage(1)
VCCO -2.0
VCCO -1.7
VSWING
Peak-to-Peak output voltage swing
0.6
1.0
Notes
1.
Outputs terminated with 50Ω to VCC -2V. See Parameter Measurement Section, 3.3V output load test circuit.
Power Supply DC Characteristics, VCC = VCCA = VCCO = 3.3V ±5%, TA = 0°C to 70°C
Symbol
Parameter
Min.
Typ.
Max.
Units
VCC
Positive supply voltage
3.135
3.3
3.465
V
VCCA
Analog supply voltage
3.135
3.3
3.465
VCCO
Output supply voltage
3.135
3.3
3.465
IEE
Power supply current
180
mA
ICCA
Analog supply current
30
LVCMOS / LVTTL DC Characteristics, VCC = VCCA = VCCO = 3.3V ±5%, TA = 0°C to 70°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
VIH
Input High Voltage
VCO_SEL, XTAL_SEL, MR,
S_LOAD, nP_LOAD, N0:N1,
S_DATA, S_CLOCK, M0:M8
2
VCC +0.3V
V
TEST_CLK
2
VCC +0.3V
VIL
Input Low Voltage
VCO_SEL, XTAL_SEL, MR,
S_LOAD, nP_LOAD, N0:N1,
S_DATA, S_CLOCK, M0:M8
-0.3
0.8
TEST_CLK
-0.3
1.3
IIH
Input High Current
M0-M4, M6-M8, N0, N1, MR,
S_CLOCK, TEST_CLK, S_DATA,
S_LOAD, nP_LOAD
VCC = VIN =
3.465V
150
µA
M5, XTAL_SEL, VCO_SEL
VCC = VIN =
3.465V
5
IIL
Input Low Current
M0-M4, M6-M8, N0, N1, MR,
S_CLOCK, TEST_CLK, S_DATA,
S_LOAD, nP_LOAD
VCC = 3.465V,
VIN = 0V
-5
M5, XTAL_SEL, VCO_SEL
VCC = 3.465V,
VIN = 0V
-150
VOH
Output High Voltage TEST(1)
2.6
V
VOL
Output Low Voltage
TEST(1)
0.5
Notes
1.
Outputs terminated with 50Ω to VCC/2. See Parameters Measurement Information table, 3.3V Output Load Test Circuit Figure.



Html Pages

1 2 3 4 5 6 7 8 9