công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CPM2C bảng dữ liệu(PDF) 19 Page - Omron Electronics LLC

tên linh kiện CPM2C
Giải thích chi tiết về linh kiện  Compact PLC Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CPM2C bảng dữ liệu(HTML) 19 Page - Omron Electronics LLC

Back Button CPM2C Datasheet HTML 12Page - Omron Electronics LLC CPM2C Datasheet HTML 13Page - Omron Electronics LLC CPM2C Datasheet HTML 14Page - Omron Electronics LLC CPM2C Datasheet HTML 15Page - Omron Electronics LLC CPM2C Datasheet HTML 16Page - Omron Electronics LLC CPM2C Datasheet HTML 17Page - Omron Electronics LLC CPM2C Datasheet HTML 18Page - Omron Electronics LLC CPM2C Datasheet HTML 19Page - Omron Electronics LLC CPM2C Datasheet HTML 20Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
67
Expansion Units
(Continued)
Digital I/O Expansion Units
− LED status display
Model code
CPM2C–24EDT1C
CPM2C–24EDT1M
LED status display
− DIN rail mounting
− 24−pin front connector*
Inputs
16 DC inputs
2 circuits, 8 inputs each
24 pin front connector
Outputs
8, transistor, PNP
1 circuit, 8 outputs
Total switching capacity
2.4 A per circuit
Digital I/O Expansion Units
− LED status display
Model code
CPM2C–24EDTC
CPM2C–24EDTM
LED status display
− DIN rail mounting
− 24−pin front connector*
Inputs
16 DC inputs
2 circuits, 8 inputs each
24 pin front connector
Outputs**
8, transistor, NPN
1 circuit, 8 outputs
Total switching capacity
2.4 A per circuit
Digital I/O Expansion Units
− LED status display
Model code
CPM2C–32EDT1C
CPM2C–32EDT1M
LED status display
− DIN rail mounting
− 24−pin front connector*
Inputs
16 DC inputs
2 circuits, 8 inputs each
24 pin front connector
Outputs
16, transistor, PNP
2 circuits, 8 outputs each
Total switching capacity
3.2 A per circuit
Model code
CPM2C–32EDTC
CPM2C–32EDTM
Inputs
16 DC inputs
2 circuits, 8 inputs each
Outputs**
16, transistor, NPN
2 circuits, 8 outputs each
Total switching capacity
3.2 A per circuit
Specification for DC inputs
Circuitry
PNP/NPN logic
pp
Input voltage
ON level
OFF level
24 VDC (20.4..26.4 VDC)
Min. 14.4 VDC
Max. 5.0 VDC
Input impedance
4.7 k
Ω
Input current
5 mA
ON delay
10 ms (adjustable 1..80 ms)
Specification for relay outputs
Switching capacity
minimum
250 VAC, 2A (cos
ϕ=1); 24 VDC, 2 A
5 VDC, 10 mA
Relay life
electrical
mechanical
150,000 operations at R load
100,000 operations at L load
20,000,000 operations
ON/OFF delay
Max. 15 ms
Specification for transistor outputs
Switching capacity
1st circuit
2nd circuit
24 VDC (20.4..26.4 VDC), 0.3 A
24 VDC (20.4..26.4 VDC), 0.1 A
Leakage current
Max. 0.1 mA
Residual voltage
Max. 1.5 V
ON delay
OFF delay
Max. 0.2 ms
Max. 1 ms
* Front connector or terminal block and cable are not included in delivery package, see page 465.
** Output switching capacity differs depending on the circuit.
Compact PLC Series CPM2C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com