công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CPM2C bảng dữ liệu(PDF) 8 Page - Omron Electronics LLC

tên linh kiện CPM2C
Giải thích chi tiết về linh kiện  Compact PLC Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CPM2C bảng dữ liệu(HTML) 8 Page - Omron Electronics LLC

Back Button CPM2C Datasheet HTML 4Page - Omron Electronics LLC CPM2C Datasheet HTML 5Page - Omron Electronics LLC CPM2C Datasheet HTML 6Page - Omron Electronics LLC CPM2C Datasheet HTML 7Page - Omron Electronics LLC CPM2C Datasheet HTML 8Page - Omron Electronics LLC CPM2C Datasheet HTML 9Page - Omron Electronics LLC CPM2C Datasheet HTML 10Page - Omron Electronics LLC CPM2C Datasheet HTML 11Page - Omron Electronics LLC CPM2C Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
56
Specifications
(Continued)
Relay output
CPM2C
–20CDR–D
–20C1DR–D
–
–
Transistor outp. PNP
–
–
–20CDT1C/M–D
–20C1DT1C/M–D
Transistor outp. NPN
–
–
–20CDTC/M–D
–20C1DTC/M–D
CPU built−in inputs
12 DC inp.
1 circuit, 12 inp.
12 DC inp.
1 circuit, 12 inp.
12 DC inp.
1 circuit, 8 inp.
1 circuit, 4 inp.
12 DC inp.
1 circuit, 8 inp.
1 circuit, 4 inp.
CPU built−in outputs
8 relay outp.
4 circuits, 2 outp. each
4 A per circuit
8 relay outp.
4 circuits, 2 outp. each
4 A per circuit
8 transistor outp.
1 circuits, 8 outp.
2.4 A per circuit
8 transistor outp.
1 circuits, 8 outp.
2.4 A per circuit
Max. local
Inputs
Outputs
92
88
92
88
92
88
92
88
Real−time clock
−
Yes
−
Yes
Number of Expansion Units
5
5
5
5
Data backup
Capacitor, 10 days
Battery, 2 years
Capacitor, 10 days
Battery, 2 years
Pulse output 10 Hz..10 kHz
−
−
2
2
Input interrupts 300
µs
call subroutine
4
4
4
4
Counter interrupts
2 kHz counting frequency
4
4
4
4
Pulse storage
min. 50
µs pulse width
4
4
4
4
Relay output
CPM2C
–
–
–
Transistor outp. PNP
–32CDT1C/M–D
–S110C
–S110C–DRT
Transistor outp. NPN
–32CDTC/M–D
–S100C
–S100C–DRT
CPU built−in inputs
16 DC inp.
2 circuit, 8 inp.
6 DC inp.
1 circuit, 4 inp.
1 circuit, 2 inp.
6 DC inp.
1 circuit, 4 inp.
1 circuit, 2 inp.
CPU built−in outputs
16 transistor outp.
2 circuits, 8 outp. each*
3.2 A per circuit
4 transistor outp.
1 circuit, 4 outp.
1.2 A per circuit
4 transistor outp.
1 circuit, 4 outp.
1.2 A per circuit
Max. local
Inputs
Outputs
96
96
54
52
54
52
CompoBus/S
Inputs
max. remote
Outputs
−
−
128
128
128
128
DeviceNet
Inputs
max. Link
Outputs
−
−
−
−
64 bytes
64 bytes
Real−time clock
−
Yes
Yes
Number of Expansion Units
5
3
3
Data backup
Capacitor, 10 days
Battery, 2 years
Battery, 2 years
Pulse output 10 Hz..10 kHz
2
2
2
Input interrupts 300
µs
call subroutine
4
2
2
Counter interrupts
2 kHz counting frequency
4
2
2
Pulse storage
min. 50
µs pulse width
4
2
2
* Output switching capacity differs depending on the circuit
Compact PLC Series CPM2C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com