công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CPM2C bảng dữ liệu(PDF) 9 Page - Omron Electronics LLC

tên linh kiện CPM2C
Giải thích chi tiết về linh kiện  Compact PLC Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CPM2C bảng dữ liệu(HTML) 9 Page - Omron Electronics LLC

Back Button CPM2C Datasheet HTML 5Page - Omron Electronics LLC CPM2C Datasheet HTML 6Page - Omron Electronics LLC CPM2C Datasheet HTML 7Page - Omron Electronics LLC CPM2C Datasheet HTML 8Page - Omron Electronics LLC CPM2C Datasheet HTML 9Page - Omron Electronics LLC CPM2C Datasheet HTML 10Page - Omron Electronics LLC CPM2C Datasheet HTML 11Page - Omron Electronics LLC CPM2C Datasheet HTML 12Page - Omron Electronics LLC CPM2C Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
57
Specifications
(Continued)
Time−controlled interrupts
0.5 ms..5 min
1
Execution time
µs
0.64
Program memory
kwords
4
Data memory
kwords
2
Work relay
bits
(words)
928
(58)
Holding relay
bits
(words)
320
(20)
Timer/Counter
256 (1 ms, 10 ms, 100 ms, 1/10 s, timer, counter)
CPU ports
1 miniature peripheral port, comprising
− 1 RS−232C port
− 1 RS−232C port/programming console (switchable)
Number of instructions
14 basic instructions,
106 special instructions, all with edge− or level−triggered execution
Special instructions
− Synchronisation
− PID
− Pulse width modulation
− Pulse output
− Macro
− 7 segment decoder
− Subroutine
− ASCII/HEX
− Tabular processing
− Arithmetic
− Indirect addressing
Program backup
Flash EEPROM
Program protection
Password
Pulse counter
1x 20 kHz single−phase or 5 kHz differential mode (encoder phases A, B and Z)
Supply voltage
24 VDC
Operating voltage limits
20.4..26.4 VDC
Power consumption
3..4 W, + 1..2 W per Expansion Unit (except CPM2C−MAD11: 3.5 W)
Insulation resistance
Min. 20 M
W at 500 VDC, measured between AC and PE terminal
Dielectric strength
2300 VAC at 50/60 Hz for one minute with a leakage current of max. 10 mA between AC and PE terminals.
Noise immunity
2 kV on power lines, conforms to IEC 61000−4−4
Vibration resistance
10..57 Hz with 0.075 mm amplitude;
57..0.150 Hz with an acceleration of 1 G in X, Y and Z directions, 10 sweeps of 8 minutes each.
Shock resistance
147 m/s2 (15 G) in X, Y and Z directions 3 times each.
Temperature
Operation
Storage
0..55 _C
−20..75 _C
Ambient humidity
10..90% (without condensation)
Atmosphere
System must not be exposed to the following conditions:
− Corrosive gases
− Severe temperature fluctuations
− Air with an extreme dust or salt content
− Metal filings or metallic dust
− Splash water or other chemicals
Degree of protection
IEC IP30 (Control cabinet mounting)
Grounding
According to EN60204
Approvals
CE, UL, CSA
Data words, Holding relays, Auxiliary relays and counter values are backed up by a built−in battery for up to 5 years. In models without built−in
battery this data is backed up by a built−in capacitor for up to 10 days.
Compact PLC Series CPM2C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com