công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

A1696PKHTN-FNLPTYCD bảng dữ liệu(PDF) 1 Page - Allegro MicroSystems

tên linh kiện A1696PKHTN-FNLPTYCD
Giải thích chi tiết về linh kiện  Position Sensor IC with Speed and Direction Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALLEGRO [Allegro MicroSystems]
Trang chủ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1696PKHTN-FNLPTYCD bảng dữ liệu(HTML) 1 Page - Allegro MicroSystems

  A1696PKHTN-FNLPTYCD Datasheet HTML 1Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 2Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 3Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 4Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 5Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 6Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 7Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 8Page - Allegro MicroSystems A1696PKHTN-FNLPTYCD Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DESCRIPTION
The A1696PKH is a combined Hall-effect sensor IC and
EMC protection circuit that provides a user-friendly PCB-less
solution for true zero-speed digital crankshaft sensing. The
A1696 provides speed and direction information through a
variable pulse-width output protocol. The open-drain output
provides a voltage output such that the time between falling
electrical edges (period) corresponds to the speed, and the time
between a falling edge and corresponding rising edge (pulse
width) indicates direction. The device can be optimized via
programmable options for crankshaft sensing applications and
can be used to sense either a ring magnet or a ferromagnetic
target (when back-biased with a proper magnet).
Three Hall plates are used to create three differential channels.
These channels, along with advanced direction detection
algorithms, are used to produce a highly accurate output
across the full range of air gap and operating temperatures.
The combination of high accuracy with direction information
provides absolute position on most crank targets in cases of
engine backlash, making it ideal for stop/start engine designs.
The A1696 is provided in a 3-pin SIP package (KH) that is
lead (Pb) free, with 100% tin leadframe plating.
A1696PKH-DS, Rev. 3
MCO-0000520
FEATURES AND BENEFITS
• Allegro KH package with integrated EMC components
reduces need for external EMI protection
• Digital output with speed and direction information
provides target/ring magnet position information
• Enhanced algorithms provide low jitter and high output
accuracy performance
• Center of package switching alignment
• Highly repeatable across operating temperature range
• EEPROM programming for performance optimization
and production traceability
• Electrical offset compensation through chopper
stabilization
• Zero-crossing switching with internal hysteresis
• Robust test coverage capability using Scan Path and
IDDQ measurement
Position Sensor IC with Speed and Direction Output
Figure 1: Functional Block Diagram
A1696PKH
Not to scale
PACKAGE:
Current
Limit
Hall
Amp
ADC
GND
Internal Regulator
(Analog)
VCC
Die
Package
OUT
COUT
CSUPPLY
Internal Regulator
(Digital)
Hall
Amp
Low Pass
Filter
Low Pass
Filter
ADC
EEPROM
Synchronous
Digital Controller
Direction Detection Logic
Stop Mode Timer
Application Trim
Temperature Compensation
Temperature
Transducer
ROUT
RSUPPLY
January 27, 2022
3-pin SIP (suffix KH)


Số phần tương tự - A1696PKHTN-FNLPTYCD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Allegro MicroSystems
A1696PUC ALLEGRO-A1696PUC Datasheet
1Mb / 17P
Position Sensor IC with Speed and Direction Output
More results

Mô tả tương tự - A1696PKHTN-FNLPTYCD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Allegro MicroSystems
ATS605LSG ALLEGRO-ATS605LSG Datasheet
1Mb / 17P
Dual Output Differential Speed and Direction Sensor IC
A1693 ALLEGRO-A1693 Datasheet
815Kb / 15P
Vibration-Tolerant Hall-Effect Transmission Speed and Direction Sensor IC
A1699 ALLEGRO-A1699 Datasheet
1Mb / 18P
Two-Wire, Differential, Vibration-Resistant Sensor IC with Speed and Direction Output
A19350 ALLEGRO-A19350 Datasheet
1Mb / 14P
High Accuracy GMR Wheel Speed and Direction Sensor IC
ATS699LSN ALLEGRO-ATS699LSN Datasheet
861Kb / 15P
Two-Wire, Differential, Vibration-Resistant Sensor IC with Speed and Direction Output
A1696PUC ALLEGRO-A1696PUC Datasheet
1Mb / 17P
Position Sensor IC with Speed and Direction Output
A17501 ALLEGRO-A17501 Datasheet
1Mb / 22P
Dual Output Differential Speed and Direction Sensor IC
A19571 ALLEGRO-A19571 Datasheet
2Mb / 17P
GMR Transmission Speed and Direction Sensor IC
ATS696PSM ALLEGRO-ATS696PSM Datasheet
714Kb / 17P
Position Sensor IC with Speed and Direction Output
October 26, 2018
ATS17501 ALLEGRO-ATS17501 Datasheet
1Mb / 23P
Dual Output Differential Speed and Direction Sensor IC
March 19, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com